Electronic Components Datasheet Search
  English  ▼

X  

RT8494GS Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT8494GS
Description  High Voltage High Current LED Driver Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8494GS Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT8494GS Datasheet HTML 8Page - Richtek Technology Corporation RT8494GS Datasheet HTML 9Page - Richtek Technology Corporation RT8494GS Datasheet HTML 10Page - Richtek Technology Corporation RT8494GS Datasheet HTML 11Page - Richtek Technology Corporation RT8494GS Datasheet HTML 12Page - Richtek Technology Corporation RT8494GS Datasheet HTML 13Page - Richtek Technology Corporation RT8494GS Datasheet HTML 14Page - Richtek Technology Corporation RT8494GS Datasheet HTML 15Page - Richtek Technology Corporation RT8494GS Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
RT8494
12
DS8494-01 November 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
IN
SW, Buck-Boost
IN
OUT
OUT
V0.08V
R
(V
V
) I

 


For Boost application, select a resistor according to :
IN
SW, Boost
OUT
OUT
V0.08V
R
VI

 

For Buck-Boost application, select a resistor according
to :
The placement of RSW should be close to the source of
the N-MOSFET and GND of the RT8494. The ISW pin
input to RT8494 should be a Kelvin connection to the
positive terminal of RSW.
Output Over-Voltage Setting
The RT8494 is equipped with an Over-Voltage Protection
(OVP) function. When the voltage at OVP pin exceeds a
threshold of approximately 1.18V, the power switch is
turned off. The power switch can be turned on again once
the voltage at OVP pin drops below 1.18V. For the Boost
and Buck-Boost application, the output voltage could be
clamped at a certain voltage level. The OVP voltage can
be set by the following equation :
OUT, OVP
R1
V1.18
1
R2

 


Where,
R1 and R2 are the voltage divider from VOUT to GND with
the divider center node connected to OVP pin.
fOSC (kHZ)
RRSET (k)
1000
8.34
800
11.41
600
16.68
500
20.9
300
38.04
200
60.35
100
130
Table 1. Switching Frequency vs. RRSET Value (1%
Resistors)
Figure 5. Switching Frequency vs. RRSET
The ACTL pin can also be used in conjunction with a
thermistor to provide over temperature protection for the
LED load, or with a voltage divider to VIN to reduce output
power and switching current when VIN is low. The presence
of a time varying differential voltage signal (ripple) across
ISP and ISN at the switching frequency is expected.
The amplitude of this signal is increased by high LED load
current, low switching frequency and/or a smaller value
output filter capacitor. The compensation capacitor on the
VC pin filters the signal so the average difference between
ISP and ISN is regulated on the user-programmed value.
Programmable Switching Frequency
The RSET frequency adjust pin allows the user to program
the switching frequency from 100kHz to 1MHz for optimized
efficiency and performance or external component size.
Higher frequency operation allows for smaller component
size but increases switching losses and gate driving
current, and may not allow sufficiently high or low duty
cycle operation. Lower frequency operation gives better
performance but with larger external component size. For
an appropriate RRSET resistor value see Table 1 or Figure
5. An external resistor from the RSET pin to GND is
required and do not leave this pin open.
Frequency vs. RRSET
0
100
200
300
400
500
600
700
800
900
1000
0
153045607590
105 120 135
RRSET (kΩ)
RRSET (k
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com