Electronic Components Datasheet Search
  English  ▼

X  

RT9624F Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9624F
Description  Single Phase Synchronous Rectified Buck MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9624F Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9624F Datasheet HTML 1Page - Richtek Technology Corporation RT9624F Datasheet HTML 2Page - Richtek Technology Corporation RT9624F Datasheet HTML 3Page - Richtek Technology Corporation RT9624F Datasheet HTML 4Page - Richtek Technology Corporation RT9624F Datasheet HTML 5Page - Richtek Technology Corporation RT9624F Datasheet HTML 6Page - Richtek Technology Corporation RT9624F Datasheet HTML 7Page - Richtek Technology Corporation RT9624F Datasheet HTML 8Page - Richtek Technology Corporation RT9624F Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RT9624F
4
DS9624F-02
July 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VCC --------------------------------------------------------------------------------
−0.3V to 15V
BOOT to PHASE -------------------------------------------------------------------------------------
−0.3V to 15V
PHASE to GND
DC --------------------------------------------------------------------------------------------------------
−0.3V to 30V
< 100ns -------------------------------------------------------------------------------------------------
−10V to 35V
LGATE to GND
DC --------------------------------------------------------------------------------------------------------
−0.3V to (VCC + 0.3V)
< 100ns -------------------------------------------------------------------------------------------------
−2V to (VCC + 0.3V)
UGATE to GND
DC -------------------------------------------------------------------------------------------------------- (VPHASE
− 0.3V) to (VBOOT + 0.3V)
< 100ns ------------------------------------------------------------------------------------------------- (VPHASE
− 2V) to (VBOOT + 0.3V)
PWM to GND ------------------------------------------------------------------------------------------
−0.3V to 7V
Power Dissipation, PD @ TA = 25
°C
WDFN-8L 3x3 ----------------------------------------------------------------------------------------- 3.22W
Package Thermal Resistance (Note 2)
WDFN-8L 3x3,
θJA ------------------------------------------------------------------------------------ 31°C/W
WDFN-8L 3x3,
θJC------------------------------------------------------------------------------------ 8°C/W
Lead Temperature (Soldering, 10 sec.) ---------------------------------------------------------- 260
°C
Junction Temperature -------------------------------------------------------------------------------- 150
°C
Storage Temperature Range -----------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
Supply Voltage, VCC -------------------------------------------------------------------------------- 4.5V to 13.2V
Input Voltage, (VIN + VCC) ------------------------------------------------------------------------- < 35V
Junction Temperature Range -----------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -----------------------------------------------------------------------
−40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com