Electronic Components Datasheet Search
  English  ▼

X  

RT9624F Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9624F
Description  Single Phase Synchronous Rectified Buck MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9624F Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9624F Datasheet HTML 1Page - Richtek Technology Corporation RT9624F Datasheet HTML 2Page - Richtek Technology Corporation RT9624F Datasheet HTML 3Page - Richtek Technology Corporation RT9624F Datasheet HTML 4Page - Richtek Technology Corporation RT9624F Datasheet HTML 5Page - Richtek Technology Corporation RT9624F Datasheet HTML 6Page - Richtek Technology Corporation RT9624F Datasheet HTML 7Page - Richtek Technology Corporation RT9624F Datasheet HTML 8Page - Richtek Technology Corporation RT9624F Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT9624F
®
DS9624F-02
July 2015
www.richtek.com
1
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Single Phase Synchronous Rectified Buck MOSFET Driver
Features
Drive Two N-MOSFETs
Shoot Through Protection
Embedded Bootstrap Diode
Support High Switching Frequency
Fast Output Rising Time
Tri-State PWM Input for Output Shutdown
8-Lead WDFN Package
RoHS Compliant and Halogen Free
Applications
Core Voltage Supplies for Desktop, Motherboard CPU
High Frequency Low Profile DC/DC Converters
High Current Low Voltage DC/DC Converters
Core Voltage Supplies for GFX Card
General Description
The RT9624F is a high frequency, synchronous rectified,
single phase MOSFET driver designed for normal MOSFET
driving applications and high performance CPU VR driving
capabilities.
The RT9624F can be supplied from 4.5V to 13.2V. The
applicable power stage VIN range is from 5V to 24V. The
IC also builds in an internal power switch to replace
external bootstrap diode.
The RT9624F can support switching frequency efficiently
up to 500kHz. The IC has both UGATE and LGATE driving
circuits for synchronous rectified DC/DC converter
applications. The shoot through protection mechanism is
designed to prevent shoot through between high-side and
low-side power MOSFETs. The RT9624F has tri-state
PWM input with shutdown function, which can force driver
to output low UGATE and LGATE signals.
The RT9624F is available in a small footprint WDFN-8L
3x3 package.
Simplified Application Circuit
VCC
PWM
GND
BOOT
UGATE
PHASE
LGATE
RT9624F
12V
PWM
Controller
C1
R1
Q1
VOUT
Q2
CBOOT
C2
C3
R2
R3
R4
R5
L1
C4
C5
VIN
C6
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT9624F
Package Type
QW : WDFN-8L 3x3 (W-Type)
Marking Information
4P= : Product Code
YMDNN : Date Code
4P=YM
DNN


Similar Part No. - RT9624F

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9624A RICHTEK-RT9624A Datasheet
231Kb / 16P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624A RICHTEK-RT9624A  Datasheet
223Kb / 16P
Single Phase Synchronous Rectified Buck MOSFET Driver
June 2013
RT9624AZQW RICHTEK-RT9624AZQW Datasheet
223Kb / 16P
Single Phase Synchronous Rectified Buck MOSFET Driver
June 2013
RT9624AZS RICHTEK-RT9624AZS Datasheet
223Kb / 16P
Single Phase Synchronous Rectified Buck MOSFET Driver
June 2013
RT9624AZSP RICHTEK-RT9624AZSP Datasheet
223Kb / 16P
Single Phase Synchronous Rectified Buck MOSFET Driver
June 2013
More results

Similar Description - RT9624F

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9624A RICHTEK-RT9624A Datasheet
231Kb / 16P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624B RICHTEK-RT9624B Datasheet
220Kb / 16P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624C RICHTEK-RT9624C Datasheet
201Kb / 13P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624D RICHTEK-RT9624D Datasheet
186Kb / 13P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624B RICHTEK-RT9624B_15 Datasheet
186Kb / 16P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624C RICHTEK-RT9624C_15 Datasheet
165Kb / 13P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624D RICHTEK-RT9624D_15 Datasheet
153Kb / 13P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624E RICHTEK-RT9624E Datasheet
164Kb / 13P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624G RICHTEK-RT9624G Datasheet
164Kb / 13P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9614A RICHTEK-RT9614A Datasheet
268Kb / 19P
Single Phase Synchronous Rectified Buck MOSFET Driver
January 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com