Electronic Components Datasheet Search
  English  ▼

X  

RT9624F Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9624F
Description  Single Phase Synchronous Rectified Buck MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9624F Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9624F Datasheet HTML 5Page - Richtek Technology Corporation RT9624F Datasheet HTML 6Page - Richtek Technology Corporation RT9624F Datasheet HTML 7Page - Richtek Technology Corporation RT9624F Datasheet HTML 8Page - Richtek Technology Corporation RT9624F Datasheet HTML 9Page - Richtek Technology Corporation RT9624F Datasheet HTML 10Page - Richtek Technology Corporation RT9624F Datasheet HTML 11Page - Richtek Technology Corporation RT9624F Datasheet HTML 12Page - Richtek Technology Corporation RT9624F Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
RT9624F
11
DS9624F-02
July 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 2. Part of Bootstrap Circuit of RT9624F
In practice, a low value capacitor CBOOT will lead to the
over charging that could damage the IC. Therefore, to
minimize the risk of overcharging and to reduce the ripple
on VCB, the bootstrap capacitor should not be smaller than
0.1
μF, and the larger the better. In general design, using
1
μF can provide better performance.At least one low-ESR
capacitor should be used to provide good local de-coupling.
It is recommended to adopt a ceramic or tantalum
capacitor.
Power Dissipation
To prevent driving the IC beyond the maximum
recommended operating junction temperature of 125
°C,
it is necessary to calculate the power dissipation
appropriately. This dissipation is a function of switching
frequency and total gate charge of the selected MOSFET.
Figure 3 shows the power dissipation test circuit. CL and
CU are the UGATE and LGATE load capacitors,
respectively. The bootstrap capacitor value is 1
μF.
Figure 3. Power Dissipation Test Circuit
Figure 4 shows the power dissipation of the RT9624F as
a function of frequency and load capacitance when VCC =
12V. The value of CUand CL are the same and the frequency
is varied from 100kHz to 1MHz.
The operating junction temperature can be calculated from
the power dissipation curves (Figure 4). Assume
VCC = 12V, operating frequency is 200kHz and CU = CL =
1nF which emulate the input capacitances of the high-
side and low-side power MOSFETs. From Figure 4, the
power dissipation is 100mW. Thus, for example, the
package thermal resistance
θJA is 120°C/W. The operating
junction temperature is then calculated as :
TJ = (120
°C/W x 100mW) + 25°C = 37°C
(11)
where the ambient temperature is 25
°C.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TA is
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
Figure 4. Power Dissipation vs. Frequency
VIN
CBOOT
VCB
+
-
BOOT
VCC
UGATE
PHASE
LGATE
GND
Power Dissipation vs. Frequency
0
100
200
300
400
500
600
700
800
900
1000
0
200
400
600
800
1000
Frequency (kHz)
VCC = 12V
CU = CL = 1nF
CU = CL = 3nF
CU = CL = 2nF
VCC
PWN
GND
BOOT
UGATE
PHASE
LGATE
RT9624F
1µF
CL
3nF
20
2N7002
2N7002
12V
12V
1µF
PWM
CBOOT
10
CU
3nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com