Electronic Components Datasheet Search
  English  ▼

X  

RT9624F Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9624F
Description  Single Phase Synchronous Rectified Buck MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9624F Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9624F Datasheet HTML 1Page - Richtek Technology Corporation RT9624F Datasheet HTML 2Page - Richtek Technology Corporation RT9624F Datasheet HTML 3Page - Richtek Technology Corporation RT9624F Datasheet HTML 4Page - Richtek Technology Corporation RT9624F Datasheet HTML 5Page - Richtek Technology Corporation RT9624F Datasheet HTML 6Page - Richtek Technology Corporation RT9624F Datasheet HTML 7Page - Richtek Technology Corporation RT9624F Datasheet HTML 8Page - Richtek Technology Corporation RT9624F Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT9624F
2
DS9624F-02
July 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Function Pin Description
Pin No.
Pin Name
Pin Function
1
PWM
PWM Signal Input. Connect this pin to the PWM output of the controller.
2,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
3
NC
No Internal Connection.
4
VCC
Supply Voltage Input.
5
LGATE
Low-Side Gate Driver Output. Connect this pin to the Gate of low-side power
N-MOSFET.
6
PHASE
Connect this pin to the Source of the high-side N-MOSFET and the Drain of the
low-side N-MOSFET.
7
UGATE
High-Side Gate Drive Output. Connect this pin to the Gate of high-side power
N-MOSFET.
8
BOOT
Bootstrap Supply for High-Side Gate Drive.
(TOP VIEW)
WDFN-8L 3x3
Pin Configurations
Shoot-Through
Protection
Turn Off
Detection
Shoot-Through
Protection
Tri-State
Detect
VCC
PWM
Internal
VDD
BOOT
UGATE
PHASE
LGATE
GND
VCC
POR
Bootstrap
Control
PWM
GND
VCC
BOOT
UGATE
PHASE
LGATE
NC
7
6
5
1
2
3
4
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com