Electronic Components Datasheet Search
  English  ▼

X  

MT9174AE Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # MT9174AE
Description  Digital Subscriber Interface Circuit with RxSB
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9174AE Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button MT9174AE Datasheet HTML 6Page - Mitel Networks Corporation MT9174AE Datasheet HTML 7Page - Mitel Networks Corporation MT9174AE Datasheet HTML 8Page - Mitel Networks Corporation MT9174AE Datasheet HTML 9Page - Mitel Networks Corporation MT9174AE Datasheet HTML 10Page - Mitel Networks Corporation MT9174AE Datasheet HTML 11Page - Mitel Networks Corporation MT9174AE Datasheet HTML 12Page - Mitel Networks Corporation MT9174AE Datasheet HTML 13Page - Mitel Networks Corporation MT9174AE Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
MT9173/74
Preliminary Information
9-146
determine which of the DNICs is using the externally
supplied clock and which is phase locking to the data
on the line. Due to jitter and end to end delay, one
end must be the master to generate all the timing for
the link and the other must extract the timing from
the receive data and synchronize itself to this timing
in order to recover the synchronous data. DUAL port
mode allows the user to use two separate serial
busses: the DV port for PCM/data (B channels) and
the CD port for control and signalling information (C
and D channels). In the SINGL port mode, all four
channels are concatenated into one serial stream
and input to the DNIC via the DV port. The order of
the C and D channels may be changed only in DN/
DUAL mode. The DNIC may be configured to
transfer the D-channel in channel 0 and the C-
channel in channel 16 or vice versa. One other
feature exists; ODE, where both the DV and CD
ports are tristated in order that no devices are
damaged due to excessive loading while all DNICs
are in a random state on power up in a daisy chain
arrangement.
DV Port (DSTi/Di, DSTo/Do)
The DV port transfers data or PCM encoded voice to
and from the line according to the particular mode
selected by the mode select pins. The modes
affecting the configuration of the DV port are MOD or
DN and DUAL or SINGL. In DN mode the DV port
operates as an ST-BUS at 2.048 Mbit/s with 32, 8 bit
channels per frame as shown in Figure 9. In this
mode the DV port channel configuration depends
upon whether DUAL or SINGL port is selected.
When DUAL port mode is used, the C and D
channels are passed through the CD port and the B1
and B2 channels are passed through the DV port. At
80 kbit/s only one channel of the available 32 at the
DV port is utilized, this being channel 0 which carries
the B1-channel. This is shown in Figure 3. At 160
kbit/s, two channels are used, these being 0 and 16
carrying the B1 and B2 channels, respectively. This
is shown in Figure 4. When SINGL port mode is
used, channels B1, B2, C and D are all passed via
the DV port and the CD port is disabled. See CD port
description for an explanation of the C and D
channels.
The D-channel is always passed during channel time
0 followed by the C and B1 channels in channel
times 1 and 2, respectively for 80 kbit/s. See Figure
5. For 160 kbit/s the B2 channel is added and
occupies channel time 3 of the DV port. See Figure
6. For all of the various configurations the bit orders
are shown by the respective diagram. In MOD mode
the DV and CD ports no longer operate at 2.048
Mbits/s
but
are
continuous
serial
bit
streams
operating at the bit rate selected of 80 or 160 kbit/s.
While in the MOD mode only DUAL port operation
can be used.
In order for more than one DNIC to be connected to
any one DV and CD port, making more efficient use
of the busses, the DSTo and CDSTo outputs are put
into high impedance during the inactive channel
times of the DNIC. This allows additional DNICs to
be cascaded onto the same DV and CD ports. When
used in this way a signal called F0o is used as an
indication to the next DNIC in a daisy chain that its
channel time is now active. Only the first DNIC in the
chain receives
the system frame pulse
and
all
others
receive
the
F0o
from its predecessor in
the chain.
This allows up to 16 DNICs to be
cascaded.
CD Port (CDSTi/CDi, CDSTo/CDo)
The CD port is a serial bidirectional port used only in
DUAL port mode. It is a means by which the DNIC
receives its control information for things such as
setting the bit rate, enabling internal loopback tests,
sending status information back to the system and
transferring low speed signalling data to and from the
line.
The CD port is composed of the C and D-Channels.
The C-channel is used for transferring control and
status information between the DNIC and the
system. The D-channel is used for sending and
Figure 9 - ST-BUS Format
Channel
0
Channel
1
Channel
2
• • • • • • • •
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
125
µsec
Channel
31
Channel
30
Channel
31
Channel
0
Channel
29
F0
ST-BUS
Most
Significant
Bit (First)
Least
Significant
Bit (Last)
3.9
µsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com