Electronic Components Datasheet Search
  English  ▼

X  

MT9174AE Datasheet(PDF) 12 Page - Mitel Networks Corporation

Part # MT9174AE
Description  Digital Subscriber Interface Circuit with RxSB
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9174AE Datasheet(HTML) 12 Page - Mitel Networks Corporation

Back Button MT9174AE Datasheet HTML 8Page - Mitel Networks Corporation MT9174AE Datasheet HTML 9Page - Mitel Networks Corporation MT9174AE Datasheet HTML 10Page - Mitel Networks Corporation MT9174AE Datasheet HTML 11Page - Mitel Networks Corporation MT9174AE Datasheet HTML 12Page - Mitel Networks Corporation MT9174AE Datasheet HTML 13Page - Mitel Networks Corporation MT9174AE Datasheet HTML 14Page - Mitel Networks Corporation MT9174AE Datasheet HTML 15Page - Mitel Networks Corporation MT9174AE Datasheet HTML 16Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MT9173/74
Preliminary Information
9-148
Table 4a. Default Mode Selection
Notes:
Ž Default Mode 1 can also be selected by tying CDSTi/CDi pin low when DNIC is operating in dual mode.
 Default Mode 2 can also be selected by tying CDSTi/CDi pin high when DNIC is operating in dual mode.
Table 5. Diagnostic Register
Notes:
Œ
When bits 4-7 of the Diagnostic Register are all set to one, the DNIC operates in one of the default modes as defined in Table 4a,
depending upon the status of bit-3.

Do not use LOUT to LIN loopback in DN/SLV mode.
Ž
Do not use DSTo to DSTi loopback in MOD/MAS mode.
C-Channel
(Bit 0-7)
Internal Control
Register
Internal Diagnostic
Register
Description
XXX01111
00000000
01000000
Default Mode-1
Ž: Bit rate is 80 kbit/s. ATTACK,
PSEN, DINB, DRR and all diagnostics are disabled.
TxHK=0.
XXX11111
00010000
01000000
Default Mode-2
 Bit rate is 160 kbit/s. ATTACK,
PSEN, DINB, DRR and all diagnostics are disabled.
TxHK=0.
Bit
Name
Description
0
Reg Sel-1
Register Select-1. Must be set to ’0’ to select the Diagnostic Register.
1
Reg Sel-2
Register Select-2. Must be set to ’1’ to select the Diagnostic Register.
2,3
Loopback
Bit 2
Bit 3
0
0
All loopback testing functions disabled. Normal operation.
0
1
DSTi internally looped back into DSTo for system diagnostics.
10
LOUT is internally looped back into LIN for system diagnostics.

1
1
DSTo is internally looped back into DSTi for end-to-end testing.
Ž
4
FUN
Œ
Force Unsync. When set to ’1’, the DNIC is forced out-of-sync to test the SYNC
recovery circuitry. When set to ’0’, the operation continues in synchronization.
5
PSWAP
Œ
Polynomial Swap. When set to ’1’, the scrambling and descrambling polynomials
are interchanged (use for MAS mode only). When set to ’0’, the polynomials retain
their normal designations.
6
DLO
Œ
Disable Line Out. When set to ’1’, the signal on LOUT is set set to VBias. When set to
’0’, LOUT pin functions normally.
7
Not Used
Must be set to ’0’ for normal operation.
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
bit 7
Reg Sel-1
Reg Sel-2
Loopback
FUN
PSWAP
DLO
Not Used
Default Mode Selection
(Refer to Table 4a)
The Diagnostics Register Reset bit (bit 2) of the
Control Register determines the reset state of the
Diagnostics Register. If, on writing to the Control
Register, this bit is set to logic “0”, the Diagnostics
Register will be reset coincident with the frame
pulse. When this bit is logic “1”, the Diagnostics
Register will not be reset.
In order to use the
diagnostic features, the Diagnostics Register must
be continuously written to. The output C-channel
sends status information from the Status Register to
the system along with the received HK bit as shown
in Table 6.
In MOD mode, the CD port is no longer an ST-BUS
but is a serial bit stream operating at the bit rate
selected. It continues to transfer the C-channel but
the D-channel and the HK bit no longer exist. DUAL
port operation must be used in MOD mode. The C-
channel is clocked in and out of the CD port by TCK
and CLD with TCK defining the bits and CLD the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com