Electronic Components Datasheet Search
  English  ▼

X  

MT9174AE Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # MT9174AE
Description  Digital Subscriber Interface Circuit with RxSB
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9174AE Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button MT9174AE Datasheet HTML 7Page - Mitel Networks Corporation MT9174AE Datasheet HTML 8Page - Mitel Networks Corporation MT9174AE Datasheet HTML 9Page - Mitel Networks Corporation MT9174AE Datasheet HTML 10Page - Mitel Networks Corporation MT9174AE Datasheet HTML 11Page - Mitel Networks Corporation MT9174AE Datasheet HTML 12Page - Mitel Networks Corporation MT9174AE Datasheet HTML 13Page - Mitel Networks Corporation MT9174AE Datasheet HTML 14Page - Mitel Networks Corporation MT9174AE Datasheet HTML 15Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Preliminary Information
MT9173/74
9-147
receiving signalling information and lower speed
data between the line and the system. In DN/DUAL
mode the DNIC receives a C-channel on CDSTi
while transmitting a C-channel on CDSTo.
Fifteen
channel times later (halfway through the frame) a D-
channel is received on CDSTi while a D-channel is
transmitted on CDSTo. This is shown in Figure 7.
The order of the C and D bytes in DUAL port mode
can be reversed by the mode select pins. See Table
1 for a listing of the byte orientations.
The D-channel exists only in DN mode and may be
used for transferring low speed data or signalling
information over the line at 8, 16 or 64 kbit/s (by
using the DINB feature). The information passes
transparently through the DNIC and is transmitted to
or received from the line at the bit rate selected in the
Control Register.
If the bit rate is 80 kbit/s, only D0 is transmitted and
received. At 160 kbit/s, D0 and D1 are transmitted
and received. When the DINB bit is set in the Control
Register the entire D-channel is transmitted and
received in the B1-channel timeslot.
The C-channel is used for transferring control and
status information between the DNIC and the
system. The Control and Diagnostics Registers are
accessed through the C-channel. They contain
information to control the DNIC and carry out the
diagnostics as well as the HK bit to be transmitted on
the line as described in Tables 4 and 5. Bits 0 and 1
of the C-channel select between the Control and
Diagnostics Register. If these bits are 0, 0 then the
C-channel information is written to the Control
Register (Table 4).
If they are 0, 1 the C-
channel is
written to the Diagnostics Register (Table 5).
Table 4. Control Register
Notes:
Œ
Suggested use of ATTACK:
-At 160 kbit/s full convergence requires 850 ms with ATTACK held high for the first 240 frames or 30 ms.
-At 80 kbit/s full convergence requires 1.75 s with ATTACK held high for the first 480 frames or 60 ms.

When bits 4-7 of the Control Register are all set to one, the DNIC operates in one of the default modes as defined in Table 4a,
depending upon the status of bit-3.
Bit
Name
Description
0
Reg Sel-1
Register Select-1. Must be set to ’0’ to select the Control Register.
1
Reg Sel-2
Register Select-2. Must be set to ’0’ to select the Control Register.
2
DRR
Diagnostics Register Reset. Writing a "0" to this bit will cause a diagnostics register reset
to occur coincident with the next frame pulse as in the MT8972A. When this bit is a logic
"1", the Diagnostics Register will not be reset.
3
BRS
Bit Rate Select. When set to ’0’ selects 80 kbit/s. When set to ’1’, selects 160 kbit/s.
4
DINB

D-Channel in B Timeslot. When ’0’, the D-channel bits (D0 or D0 and D1) corresponding
to the selected bit rate (80 or 160 kbit/s) are transmitted during the normal D-channel bit
times. When set to ’1’, the entire D-channel (D0-D7) is transmitted during the B1-channel
timeslot on the line providing a 64 kbit/s D-channel link.
5
PSEN

Prescrambler/Deprescrambler Enable. When set to ’1’, the data prescrambler and
deprescrambler are enabled. When set to ’0’, the data prescrambler and deprescrambler
are disabled.
6
ATTACK

Convergence Speedup. When set to ’1’, the echo canceller will converge to the reflection
coefficient much faster. Used on power-up for fast convergence.
Œ When ’0’, the echo
canceller will require the normal amount of time to converge to a reflection coefficient.
7
TxHK

Transmit Housekeeping. When set to ’0’, logic zero is transmitted over the line as
Housekeeping Bit. When set to ’1’, logic one is transmitted over the line as
Housekeeping Bit.
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
bit 7
Reg Sel-1
Reg Sel-2
DRR
BRS
DINB
PSEN
ATTACK
TxHK
Default Mode Selection (Refer to Table 4a)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com