Electronic Components Datasheet Search
  English  ▼

X  

MT9174AE Datasheet(PDF) 15 Page - Mitel Networks Corporation

Part # MT9174AE
Description  Digital Subscriber Interface Circuit with RxSB
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9174AE Datasheet(HTML) 15 Page - Mitel Networks Corporation

Back Button MT9174AE Datasheet HTML 11Page - Mitel Networks Corporation MT9174AE Datasheet HTML 12Page - Mitel Networks Corporation MT9174AE Datasheet HTML 13Page - Mitel Networks Corporation MT9174AE Datasheet HTML 14Page - Mitel Networks Corporation MT9174AE Datasheet HTML 15Page - Mitel Networks Corporation MT9174AE Datasheet HTML 16Page - Mitel Networks Corporation MT9174AE Datasheet HTML 17Page - Mitel Networks Corporation MT9174AE Datasheet HTML 18Page - Mitel Networks Corporation MT9174AE Datasheet HTML 19Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Preliminary Information
MT9173/74
9-151
Applications
Typical connection diagrams are shown in Figures 13
and 14 for the DN mode as a MASTER and SLAVE,
respectively. LOUT is connected to the coupling
transformer through a resistor R2 and capacitors C2
and C2’ to match the line characteristic impedance.
Suggested values of R2, C2 and C2’ for 80 and 160
kbit/s operation are provided in Figures 13 and 14.
Overvoltage protection is provided by R1, D1 and
D2. C1 is present to properly bias the received line
signal for the LIN input. A 2:1 coupling transformer is
used to couple to the line with a secondary center
tap for optional phantom power feed. Varistors have
been shown for surge protection against such things
as lightning strikes.
If the scramblers power up with all zeros in them,
they are not capable of randomizing all-zeros data
sequence. This increases the correlation between
the transmit and receive data which may cause loss
of convergence in the echo canceller and high bit
error rates.
In DN mode the insertion of the SYNC pattern will
provide enough pseudo-random activity to maintain
convergence. In MOD mode the SYNC pattern is not
inserted. For this reason, at least on ”1” must be fed
into the DNIC on power up to ensure that the
scramblers will randomize any subsequent all-zeros
sequence.
Figure 13 - Typical Connection Diagram - MAS/DN Mode, 160 kbit/s
Figure 14 - Typical Connection Diagram - SLV/DN Mode, 160 kbit/s
DV Port ST-BUS
CD Port ST-BUS
Master Clocks
Mode Select
Lines
{
{
{
+5V
0.33
µF
0.33
µF
DSTi
DSTo
CDSTi
CDSTo
F0
C4
MS0
MS1
MS2
VRef
VBias
LOUT
LIN
OSC1
OSC2
F0o
NC
D.C. coupled,
Frequency locked
10.24 MHz clock.
R2 = 390
Ω
R1 = 47
Ω
C2’ = 1.5 nF
C2 = 22 nF
+5V
D1 = D2 = MUR405
D2
2 : 1
1.0
µF
Line Feed
Voltage
For 80 kbit/s: C2’ = 3.3 nF
C1 = 0.33
µF
68 Volts
(Typ)
2.5 Joules
0.02 Watt
Note: Low leakage diodes (1 & 2) are required so
that the DC voltage at LIN ≈ VBias
To Next DNIC
MT9173/74
Characteristics
DN Mode.
Clock Timing
Refer to AC Electrical
RxSB
To Time
Measurement
Circuitry
DV Port ST-BUS
CD Port ST-BUS
Master Clocks
Mode Select
Lines
+5V
0.33
µF
0.33
µF
DSTi
DSTo
CDSTi
CDSTo
F0
C4
MS0
MS1
MS2
VRef
VBias
LOUT
LIN
OSC1
OSC2
R2 = 390
Ω
R1 = 47
Ω
C2’ = 1.5 nF
C2 = 22 nF
+5V
D1 = D2 = MUR405
D2
2:1
{
{
{
1.0
µF
For 80 kbit/s: C2’ = 3.3 nF
C1 = 0.33
µF
68 Volts
(Typ)
0.02 Watt
Note: Low leakage diodes (1 & 2) are required so
2.5 Joules
that the DC voltage at LIN ≈ VBias
10.24 MHz XTAL
C3=33pF=C4
Supply
MT9173/74
RxSB
To hardware
SYNC
Indicator
(optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com