Electronic Components Datasheet Search
  English  ▼

X  

OMC506 Datasheet(PDF) 3 Page - International Rectifier

Part # OMC506
Description  Closed Loop Speed Controller For 3-Phase Brushless DC Motor MP-3T Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OMC506 Datasheet(HTML) 3 Page - International Rectifier

  OMC506 Datasheet HTML 1Page - International Rectifier OMC506 Datasheet HTML 2Page - International Rectifier OMC506 Datasheet HTML 3Page - International Rectifier OMC506 Datasheet HTML 4Page - International Rectifier OMC506 Datasheet HTML 5Page - International Rectifier OMC506 Datasheet HTML 6Page - International Rectifier OMC506 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.irf.com
3
OMC506
The OMC506 is based on the Motorola MC33035 Brushless Motor Control I.C. This controller is used in
concert with the motorola MC33039 Closed Loop Brushless Motor Adapter I.C. to provide direct duty cycle
control of the motor speed. The OMC506 provides two quadrant speed control via an analog 0 to 5V signal
applied to the Vspeed ( pin22 ) input. The OMC506 is selected for 60/120 degree hall sensor spacing. The
commutation truth table for the OMC506 is shown in Table 1.
Controller
Block Diagram
RT/CT
V
MOTOR
CONTROL
F
OUT
6.2 V
REF
TACH IN
V
SPEED
+15 V
FWD/REV
OSC
C.S.+
C.S.-
BRAKE
ENABLE
REGULATOR
THREE
PHASE
REFRESH
R
SENSE
R
SENSE RTN
R
SENSE
C OUT
B OUT
A OUT
MOT
SA
SC
SB
DRIVER
A
DRIVER
B
DRIVER
C
TACHOMETER
COMPENSATION
LOOP
SHAPING
+15 V
V
OUT
OVER
TEMP
CKTRY



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com