Electronic Components Datasheet Search
  English  ▼

X  

OMC506 Datasheet(PDF) 1 Page - International Rectifier

Part # OMC506
Description  Closed Loop Speed Controller For 3-Phase Brushless DC Motor MP-3T Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OMC506 Datasheet(HTML) 1 Page - International Rectifier

  OMC506 Datasheet HTML 1Page - International Rectifier OMC506 Datasheet HTML 2Page - International Rectifier OMC506 Datasheet HTML 3Page - International Rectifier OMC506 Datasheet HTML 4Page - International Rectifier OMC506 Datasheet HTML 5Page - International Rectifier OMC506 Datasheet HTML 6Page - International Rectifier OMC506 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
11/24/03
www.irf.com
1
Closed Loop Speed Controller For
OMC506
3-Phase Brushless DC Motor
MP-3T Package
Features:
n 10A Average Phase Output Current
n Over Temperature Protection
n Compensation Circuitry Adjustable to
Motor Parameters
n Speed Controlled by 0 to 5V Linear
Input Signal
n Forward or Reverse Direction
n Isolated, Low Profile Package
The OMC506 is an integrated, high density, three phase
Brushless DC (BLDC) motor, speed controller housed in a
MP-3Tpackage. The OMC506 contains the power, driver
and control electronics to adjust timing functions and speed
control loop parameters to optimize the controller for each
application. The electronics contained in the OMC506 are
assembled using mixed process technologies: surface
mount components on a printed circuit board and chip &
wire on an Insulated Metal Substrate.This combination
offers small size, excellent thermal characteristics and
electrically isolated heat sink.
MP-3T
Description:
Absolute Maximum Ratings
Symbol
Parameter
Units
VM
Motor Supply Voltage
Vdc
VM pk
Peak Motor Supply Voltage
V
IO
Average Phase Output Current
IOP
Pulsed Output Current ( <1% Duty Cycle )
IOSC
Oscillator Input Current ( Source or Sink )
mA
VREF
Reference Output Voltage ( IREF = 1.0mA )
Digital Inputs ( Fwd / Enable / Brake / SA /SB / SC )
IREF
Reference Output Current ( VREF = 6.2V )
mA
VSPEED
Speed Control Input Voltage
VTACH
Tachometer Input Voltage
V
VCNTL
Temperature Control Input Voltage
Regulator Output Current ( VREG + 15V )
mA
VCS
Current Sense Input Voltage
V
TOP
Operating Temperature Range
°C
-25 to 85
-0.3 to 5.0
32
48
10
30
30
-0.3 to VREF
6.5
V
A
6.2
100
6.5
10
-0.3 to VREF
PD-95805


Similar Part No. - OMC506

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMC507 ETC-OMC507 Datasheet
118Kb / 8P
FULL-FEATURED CIRCUIT BOARD ASSEMBLY FOR DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTORS
More results

Similar Description - OMC506

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33039 ONSEMI-MC33039 Datasheet
139Kb / 8P
CLOSED LOOP BRUSHLESS MOTOR ADAPTER
1996 REV 0
logo
Vishay Siliconix
SI9979 VISHAY-SI9979 Datasheet
270Kb / 7P
3-Phase Brushless DC Motor Controller
05-Apr-99
SI9979 VISHAY-SI9979_04 Datasheet
122Kb / 9P
3-Phase Brushless DC Motor Controller
21-Jun-04
logo
International Rectifier
IR3230S IRF-IR3230S Datasheet
451Kb / 22P
3 PHASE CONTROLLER FOR DC BRUSHLESS MOTOR
logo
PADAUK Technology.
DF319 PADAUK-DF319 Datasheet
307Kb / 12P
3-Phase Brushless DC Motor Controller
DF329 PADAUK-DF329 Datasheet
744Kb / 17P
3-Phase Brushless DC Motor Controller
DF339 PADAUK-DF339 Datasheet
734Kb / 11P
3-Phase Brushless DC Motor Controller
MF520 PADAUK-MF520 Datasheet
619Kb / 12P
3-Phase Brushless DC Motor Controller
MF616 PADAUK-MF616 Datasheet
511Kb / 11P
3-Phase Brushless DC Motor Controller
logo
Vishay Siliconix
SI9979 VISHAY-SI9979_V01 Datasheet
331Kb / 10P
3-Phase Brushless DC Motor Controller
21-Jun-04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com