Electronic Components Datasheet Search
  English  ▼

X  

OMC506 Datasheet(PDF) 2 Page - International Rectifier

Part # OMC506
Description  Closed Loop Speed Controller For 3-Phase Brushless DC Motor MP-3T Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OMC506 Datasheet(HTML) 2 Page - International Rectifier

  OMC506 Datasheet HTML 1Page - International Rectifier OMC506 Datasheet HTML 2Page - International Rectifier OMC506 Datasheet HTML 3Page - International Rectifier OMC506 Datasheet HTML 4Page - International Rectifier OMC506 Datasheet HTML 5Page - International Rectifier OMC506 Datasheet HTML 6Page - International Rectifier OMC506 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
OMC506
2
www.irf.com
A new mixed signal module fully integrates power, control functions, and drive circuitry into a single 2” x 4”
x 0.48” package. The module provides closed loop speed control of three phase, brushless DC (BLDC)
motors used in a variety of system applications. The OMC506 has been designed with flexibility in mind.
Timing functions and loop parameters can be adjusted to optimize the OMC506 to each customer’s application.
In addition, the OMC506 has been designed into a MP-3T package. This package uses an insulated metal
substrate, thereby, isolating the module’s electronics from chassis while providing the necesssary thermal
interface for proper performance. The OMC506 offers a high efficiency, flexible, compact, motion control
system in an industry standard footprint.
MP3 Package Application
Electrical Characteristics @ TJ = 25°C (Unless Otherwise Specified)
Characteristics
Parameter
Symbol Min. Typ. Max. Units
Test Conditions
REFERENCE
Reference Output Voltage
VREF
5.9
6.24
6.5
V
IREF = 1.0mA
Reference Load Current
IREF
-5.0
8.0
mA
OSCILLATOR
Oscillator Frequency
FOSC
22
25
28
KHz
Sawtooth Peak Voltage
VOSCpk
-4.1
4.5
V
ROSC= 4.7K,COSC= 0.01mF
Sawtooth Valley Voltage
VOSCva
1.2
1.5
-
V
DIGITAL INPUTS
High Input Treshhold Voltage
Vih
3.0
2.2
-
V
Low Input Treshhold Voltage
Vil
-1.7
0.8
V
CURRENT SENSE
Treshhold Voltage
Vth
85
101
115
mV
Input Common Mode Volt Range
Vicr
-3.0
-
V
Input Bias Current
Vib
-
-0.9
-5.0
mA
VOLTAGE
REGULATOR
Output Voltage
Vreg
14
14.5
15
V
Load Regulation
Ireg
-0.1
0.3
%
10mA < IO < 100mA
THERMAL
Output Trip Voltage
VOUT
13
13.31 14.79
V
Output Normal Voltage
VON
-
0.13
0.4
V
T > T trip, RL = 100K
Trip Temperature
Ttrip
137
145
150
°C
Reset Temperature
Treset
129
137
142
°C
Internal Current Sense Resistor
Rs
9.5
10
10.5 mOhm
Junction-to-Case MOSFET Resist.
Rthjc
--
1.6
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com