Electronic Components Datasheet Search
  English  ▼

X  

OMC506 Datasheet(PDF) 7 Page - International Rectifier

Part # OMC506
Description  Closed Loop Speed Controller For 3-Phase Brushless DC Motor MP-3T Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OMC506 Datasheet(HTML) 7 Page - International Rectifier

  OMC506 Datasheet HTML 1Page - International Rectifier OMC506 Datasheet HTML 2Page - International Rectifier OMC506 Datasheet HTML 3Page - International Rectifier OMC506 Datasheet HTML 4Page - International Rectifier OMC506 Datasheet HTML 5Page - International Rectifier OMC506 Datasheet HTML 6Page - International Rectifier OMC506 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.irf.com
7
OMC506
Mechanical Outline - MP-3T
Note: Contact IR Leominster for lead bending options
2.000
1.350
.150
(4) PLCS.
4.000
3.000
.150
.500
.500
.250
.250
.600
.325
.050
(34) PLCS.
.300
.480 MAX.
.180
.020
2.450
.135
Pin Designation
Pin No.
Designation
Pin No.
Designation
Pin No.
Designation
Pin No.
Designation
1
Power GND
11
Phase A
21
OSC
31
SA
2
Power GND
12
Phase A
22
Vspeed
32
Fwd / Rev
3
NC
13
NC
23
Tach Input
33
FOUT (Tach)
4
Phase C
14
Phase B
24
Brake
34
RT / CT
5
Phase C
15
Phase B
25
Enable
6NC
16
Vm
26
Fault
7
Rsense return
17
Vm
27
CS -
8
Rsense
18
Control
28
CS+
9+ 15V
19
VOUT
29
SC
10
Signal GND
20
6.2 VREF
30
SB
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR LEOMINSTER: 205 Crawford St., Leominster, Massachusetts 01453, USA Tel: (978) 534-5776
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 11/03



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com