Electronic Components Datasheet Search
  English  ▼

X  

REDIN480 Datasheet(PDF) 7 Page - Recom International Power

Part # REDIN480
Description  480 Watt DIN-Rail Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN480 Datasheet(HTML) 7 Page - Recom International Power

  REDIN480 Datasheet HTML 1Page - Recom International Power REDIN480 Datasheet HTML 2Page - Recom International Power REDIN480 Datasheet HTML 3Page - Recom International Power REDIN480 Datasheet HTML 4Page - Recom International Power REDIN480 Datasheet HTML 5Page - Recom International Power REDIN480 Datasheet HTML 6Page - Recom International Power REDIN480 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Parallel Operation & Phase Redundancy
Application Circuit
L1 L2 L3 N PE
+V
-V
DC
OK
+V
-V
DC
OK
+V
-V
DC
OK
DC OK
~
+
-
~
~
L N PE
~
~
~
+
+
+
+
-
-
-
-
Load
AC/DC Converter
PDR-7
REV.: 0/2017
www.recom-power.com
Specifications (measured @ ta = 25°C, rated Vin, rated load and after warm up)
REDIN480
Series
Single Operation:
1) Make sure that the front panel switch is set to “single Use.”
2) The output voltage can be increased by trim pot to compensate any cable losses.
Parallel Operation:
1) Make sure that the front panel switch is set to “single Use” on each power supply.
2) Adjust each power supply to the exact same output voltage with same load and cooling conditions.
3) Set the front panel switches to “Parallel Use.” Use the same wire length for each power supply (star connection) and energize all units at the
same time to avoid triggering overload protection.
Derate the maximum output power to 90% of nominal ratings.
For operation with more than three power supplies in parallel or series operation, please contact RECOM technical support for advice.
Power Stage
LED
L
T10A
N
PE
-V
DC
OK
Vadj.
Single /
Parallel
+V
Relay
Output
Filter
Protection
Input
Filter
Output
Voltage
Regulation
OVP
Shut-
Down
OTP
Shut-
Down
OCP
Limit
PACKAGKING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
cardboard box
140.0 x 88.0 x 142.0mm
Packaging Quantity
cardboard box
1pcs
Storage Temperature Range
-40°C to +85°C
Storage Humidity
5% - 95% RH
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com