Electronic Components Datasheet Search
  English  ▼

X  

REDIN480 Datasheet(PDF) 6 Page - Recom International Power

Part # REDIN480
Description  480 Watt DIN-Rail Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN480 Datasheet(HTML) 6 Page - Recom International Power

  REDIN480 Datasheet HTML 1Page - Recom International Power REDIN480 Datasheet HTML 2Page - Recom International Power REDIN480 Datasheet HTML 3Page - Recom International Power REDIN480 Datasheet HTML 4Page - Recom International Power REDIN480 Datasheet HTML 5Page - Recom International Power REDIN480 Datasheet HTML 6Page - Recom International Power REDIN480 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
INSTALLATION
AC/DC Converter
www.recom-power.com
PDR-6
REV.: 0/2017
Specifications (measured @ ta = 25°C, rated Vin, rated load and after warm up)
REDIN480
Series
20mm
leave 20mm gap between supplies
20mm Minimum Abstand
20mm
L
N
PE
L
N
PE
Vadj.
DC OK LED
Parallel Use
Single Use
L
N
PE
Vadj.
DC OK LED
Parallel Use
Single Use
Vadj.
DC OK LED
Parallel Use
Single Use
DC OK +V +V -V -V
DC OK +V +V -V -V
DC OK +V +V -V -V
Mounting
„Click“
1
2
Releasing
1
2
Vadj.
DC OK LED
Parallel Use
Single Use
PE
N
L
Vadj.
DC OK LED
Parallel Use
Single Use
PE
N
L
DC OK +V +V -V -V
DC OK +V
+V -V -V
Mounting Instruction
Mounting Multiple Power Supplies



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com