Electronic Components Datasheet Search
  English  ▼

X  

REDIN480 Datasheet(PDF) 4 Page - Recom International Power

Part # REDIN480
Description  480 Watt DIN-Rail Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN480 Datasheet(HTML) 4 Page - Recom International Power

  REDIN480 Datasheet HTML 1Page - Recom International Power REDIN480 Datasheet HTML 2Page - Recom International Power REDIN480 Datasheet HTML 3Page - Recom International Power REDIN480 Datasheet HTML 4Page - Recom International Power REDIN480 Datasheet HTML 5Page - Recom International Power REDIN480 Datasheet HTML 6Page - Recom International Power REDIN480 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AC/DC Converter
PDR-4
REV.: 0/2017
www.recom-power.com
Specifications (measured @ ta = 25°C, rated Vin, rated load and after warm up)
REDIN480
Series
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
Information Technology Equipment, General Requirements for Safety
E224736 A52
UL60950-1, 2nd Edition, 2014
CSA C22.2 No. 60950-1-07, 2nd Edition, 2014
Industrial Control Equipment
E470721 Vol3 Sec1
UL508, 17th Edition, 2013
CSA C22.2 No. 107.1-01, 3rd Edition, 2011
Information Technology Equipment - General Requirments for Safety
(CB Scheme)
16BAS06033 11
IEC60950-1, 2nd Edition:2005, +AM1:2009 + AM2:2013
EN60950-1:2006+ A11:2009 + A1:2010 + A12:2011 +
A2:2013
RoHs 2
RoHs 2011/65/EU
EMC Compliance
Report / Condition
Standard / Criterion
Information technology equipment - Radio disturbance characteristics -
Limits and methods of measurement
EN55022:2010 + AC:2011, Class B
Information technology equipment - Immunity characteristics - Limits
and methods of measurement
EN55024:2010 + A1:2015
Limitations on the amount of electromagnetic intererence allowed from
digital and electronic devices
47 CFR FCC Part 15, Subpart B, 2016
Methods of Measurement of Radio-Noise Emissions from Low-Voltage
Electrical and Electronic Equipment in the Range of 9 kHz to 40 GHz
ANSI C63.4, 2014
ESD Electrostatic discharge immunity test
Air ±8kV, Contact ±4kV
EN61000-4-2, Criteria B
Radiated, radio-frequency, electromagnetic field immunity test
3V/m
EN61000-4-3, Criteria A
Fast Transient and Burst Immunity
AC Power Port: ±1kV
EN61000-4-4, Criteria B
Surge Immunity
AC Power Port L-N ±1kV,
L-PE + N-PE ±2kV
EN61000-4-5, Criteria B
Immunity to conducted disturbances, induced by radio-frequency fields
AC Power Port 3V
EN61000-4-6, Criteria A
Power Magnetic Field Immunity
50Hz, 1A/m
EN61000-4-8, Criteria A
Voltage Dips and Interruptions
Voltage Dips >95%
Voltage Dips 30%
Voltage Interruptions >95%
EN61000-4-11, Criteria B
EN61000-4-11, Criteria C
EN61000-4-11, Criteria C
Limits of Harmonic Current Emissions
EN61000-3-2:2014, Criteria A
Voltage Fluctuations & Flicker
EN61000-3-3:2013
-25
60
50
70
80
40
20
30
10
0
-20 -10
0
20
40
60
80
100
Ambient Temperature [°C]
Pout 115VAC cont.
Pout 230VAC cont.
Thermal Derating



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com