Electronic Components Datasheet Search
  English  ▼

X  

REDIN480 Datasheet(PDF) 3 Page - Recom International Power

Part # REDIN480
Description  480 Watt DIN-Rail Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN480 Datasheet(HTML) 3 Page - Recom International Power

  REDIN480 Datasheet HTML 1Page - Recom International Power REDIN480 Datasheet HTML 2Page - Recom International Power REDIN480 Datasheet HTML 3Page - Recom International Power REDIN480 Datasheet HTML 4Page - Recom International Power REDIN480 Datasheet HTML 5Page - Recom International Power REDIN480 Datasheet HTML 6Page - Recom International Power REDIN480 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AC/DC Converter
PDR-3
REV.: 0/2017
www.recom-power.com
Specifications (measured @ ta = 25°C, rated Vin, rated load and after warm up)
PROTECTION
Parameter
Condition
Value
Input Fuse
T10A, slow blow type
Short Circuit Protection (SCP)
Hiccup Mode
Over Voltage Protection (OVP)
24Vout
48Vout
29-33VDC, constant voltage auto recovery
58-63VDC, constant voltage auto recovery
Over Voltage Category (OVC)
OVC II
Over Load Protection (OLP)
Limit the current by constant power circuit
Over Temperature Protection (OTP)
115±5°C , detect on Heat-sink of power transistor; shut down
O/P, auto recovery after temperature goes down
Isolation Voltage
tested for 1 minute
I/P to O/P
I/P to PE
O/P to PE
3.0KVAC / 15mA max.
2.5KVAC / 15mA max.
0.5kVAC / 20mA max.
Isolation Resistance
10M
W min.
Insulation Grade
Reinforced
Leakage Current
I/P to O/P
I/P to PE
0.25mA max.
3.5mA max.
Power OK LED
ON (green)
OFF (red)
Relay Contact Rating
Vout up to 90% of rated Vout
Vout down to 80% of rated Vout
Max. 30V/1A or 60V/0.3 or 30VAC/0.3A Resitive Load
REDIN480
Series
100
y
0
x
60
100
Time [s]
Vadj.
85
24V
48V
REDIN480-24
REDIN480-48
28V
56V
Time (x) [s]
Pout (y) [%]
3
150
8
135
45
125
Overload Capability
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range (2)
with derating
-25°C to +70°C
Temperature Coefficient
±0.03%/°C
Operating Humidity
non-condensing
20% - 90% RH
IP Rating
IP X0
Pollution Degree (PD)
PD2
Shock
10-500Hz 2G, 60min.
Vibration
10G /11ms, along x,y and z axis
MTBF
MIL-HDBK-217F G.B., full load, 25°C
300 x 10³ hours
continued on next page



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com