Electronic Components Datasheet Search
  English  ▼

X  

AP1118 Datasheet(PDF) 8 Page - Anachip Corp

Part # AP1118
Description  1A Positive Low Dropout Fixed-Mode Regulator With EN Function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1118 Datasheet(HTML) 8 Page - Anachip Corp

Back Button AP1118 Datasheet HTML 2Page - Anachip Corp AP1118 Datasheet HTML 3Page - Anachip Corp AP1118 Datasheet HTML 4Page - Anachip Corp AP1118 Datasheet HTML 5Page - Anachip Corp AP1118 Datasheet HTML 6Page - Anachip Corp AP1118 Datasheet HTML 7Page - Anachip Corp AP1118 Datasheet HTML 8Page - Anachip Corp AP1118 Datasheet HTML 9Page - Anachip Corp AP1118 Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AP1118
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Feb. 15, 2005
8/10
(2) TO252-5
B
A
G
S
5.6
1.27
Land Pattern Recommendation (Unit: mm)
0.6
P(TYP.)
L
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
6.35
6.60
6.85
0.250
0.260
0.270
B
5.20
5.35
5.50
0.205
0.211
0.217
C
6.80
7.00
7.30
0.268
0.276
0.287
D
2.20
2.50
2.80
0.087
0.098
0.110
P
1.27 REF.
0.050 REF.
S
0.50
0.65
0.80
0.020
0.026
0.031
G
0.40
0.50
0.63
0.016
0.020
0.025
H
2.20
2.30
2.40
0.087
0.091
0.094
J
0.45
0.52
0.58
0.018
0.020
0.023
K
0.00
0.08
0.15
0.000
0.003
0.006
L
0.90
1.20
1.63
0.035
0.047
0.064
M
5.40
5.80
6.20
0.213
0.228
0.244



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com