Electronic Components Datasheet Search
  English  ▼

X  

AP1118 Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1118
Description  1A Positive Low Dropout Fixed-Mode Regulator With EN Function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1118 Datasheet(HTML) 3 Page - Anachip Corp

  AP1118 Datasheet HTML 1Page - Anachip Corp AP1118 Datasheet HTML 2Page - Anachip Corp AP1118 Datasheet HTML 3Page - Anachip Corp AP1118 Datasheet HTML 4Page - Anachip Corp AP1118 Datasheet HTML 5Page - Anachip Corp AP1118 Datasheet HTML 6Page - Anachip Corp AP1118 Datasheet HTML 7Page - Anachip Corp AP1118 Datasheet HTML 8Page - Anachip Corp AP1118 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP1118
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Feb. 15, 2005
3/10
Absolute Maximum Ratings
Characteristics
Symbol
Values
Unit
DC Supply Voltage
Vin
-0.3 to 18
V
Enable Pin Voltage
VEN
7
V
Power Dissipation
PD
Internally Limited
Storage Temperature
TST
-65 to +150
oC
Operating Junction Temperature Range
TOP.
0 to +150
oC
Electrical Characteristics (Under Operating Conditions)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
AP1118-1.5
IOUT = 10mA, TJ = 25
oC,
3V≦VIN≦15V
1.470
1.500
1.530
V
AP1118-1.8
IOUT = 10mA, TJ = 25
oC,
3.3V≦VIN≦15V
1.764
1.800
1.836
V
AP1118-2.5
IOUT = 10mA, TJ = 25
oC,
4V≦VIN≦15V
2.450
2.500
2.550
V
AP1118-3.3
IOUT = 10mA, TJ = 25
oC,
4.8V≦VIN≦15V
3.235
3.300
3.365
V
AP1118-5.0
IOUT = 10mA, TJ = 25
oC,
6.5V≦VIN≦15V
4.900
5.000
5.100
V
AP1118-9.0
IOUT = 10mA, TJ = 25
oC,
10.5V≦VIN≦18V
8.820
9.000
9.180
V
Output Voltage
AP1118-12.0
IOUT = 10mA, TJ = 25
oC,
13.5V≦VIN≦18V
11.760
12.000
12.240
V
Line Regulation
AP1118-XXX
IO=10mA,VOUT+1.5V<VIN<18V,
TJ=25
oC
0.2
%
AP1118-1.5
VIN=3V, 0mA<Io<1A,
TJ=25
oC (Note 1,2)
12
15
mV
AP1118-1.8
VIN=3.3V, 0mA<Io<1A,
TJ=25
oC (Note 1,2)
15
18
mV
AP1118-2.5
VIN=4V, 0mA<Io<1A,
TJ=25
oC (Note 1,2)
20
25
mV
AP1118-3.3
VIN = 5V, 0≦IOUT≦1A,
TJ=25
oC (Note 1,2)
26
33
mV
AP1118-5.0
VIN = 8V, 0≦IOUT≦1A,
TJ=25
oC (Note 1,2)
40
50
mV
AP1118-9.0
VIN =12V, 0≦IOUT≦1A,
TJ=25
oC (Note 1,2)
70
90
mV
Load Regulation
AP1118-12.0
VIN =15V, 0≦IOUT≦1A,
TJ=25
oC (Note 1,2)
100
120
mV
Dropout Voltage
(VIN-VOUT)
AP1118- 1.5/1.8
2.5/3.3/5.0/9.0/12
IOUT = 1A , ∆VOUT=0.1V
1.3
1.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com