Electronic Components Datasheet Search
  English  ▼

X  

AP1118 Datasheet(PDF) 4 Page - Anachip Corp

Part # AP1118
Description  1A Positive Low Dropout Fixed-Mode Regulator With EN Function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1118 Datasheet(HTML) 4 Page - Anachip Corp

  AP1118 Datasheet HTML 1Page - Anachip Corp AP1118 Datasheet HTML 2Page - Anachip Corp AP1118 Datasheet HTML 3Page - Anachip Corp AP1118 Datasheet HTML 4Page - Anachip Corp AP1118 Datasheet HTML 5Page - Anachip Corp AP1118 Datasheet HTML 6Page - Anachip Corp AP1118 Datasheet HTML 7Page - Anachip Corp AP1118 Datasheet HTML 8Page - Anachip Corp AP1118 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AP1118
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Feb. 15, 2005
4/10
Electrical Characteristics(Continued) (Under Operating Conditions)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Current Limit
AP1118- 1.5/1.8
2.5/3.3/5.0/9.1/12
(VIN-VOUT) = 5V
1. 1
A
Minimum Load Current
AP1118-XXX
0
oC≦Tj≦125oC
5
10
mA
Logic Low (ON)
0.8
VEN
Enable Input Voltage
Logic High (OFF)
1.6
V
VEN = 0.8V
10
IEN
Enable Input Current
VEN = 2.0V
80
µA
Thermal Regulation
TA=25
OC, 30ms pulse
0.008
0.04
%/W
F=120Hz,COUT=25uF Tantalum, IOUT=1A
Ripple Rejection
AP1118-XXX
VIN=VOUT+3V
60
70
dB
Temperature Stability
IO=10mA
0.5
%
JA
θ Thermal Resistance
Junction-to-Ambient(No
heat sink ;No air flow)
SOP-8L
TO-252-5L
TO-220-5L
TO263-5L
150
102
85
90
OC/W
JC
θ Thermal Resistance
Junction-to-Case
SOP-8L
TO-252-5L
TO-220-5L
TO263-5L
: Control Circuitry/Power Transistor
25
15
0.65/2.7
3.5
OC/W
Note1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are
measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead =
1/18” from the package.
Note2: Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the
input/output differential and the output current. Guaranteed maximum power dissipation will not be available over the full
input/output range.
Note3: Quiescent current is defined as the minimum output current required to maintain regulation. At 12V input/output differential the
device is guaranteed to regulate if the output current is greater than 10mA.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com