Electronic Components Datasheet Search
  English  ▼

X  

AP1118 Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1118
Description  1A Positive Low Dropout Fixed-Mode Regulator With EN Function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1118 Datasheet(HTML) 2 Page - Anachip Corp

  AP1118 Datasheet HTML 1Page - Anachip Corp AP1118 Datasheet HTML 2Page - Anachip Corp AP1118 Datasheet HTML 3Page - Anachip Corp AP1118 Datasheet HTML 4Page - Anachip Corp AP1118 Datasheet HTML 5Page - Anachip Corp AP1118 Datasheet HTML 6Page - Anachip Corp AP1118 Datasheet HTML 7Page - Anachip Corp AP1118 Datasheet HTML 8Page - Anachip Corp AP1118 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AP1118
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Feb. 15, 2005
2/10
Connection Diagram
SOP-8L
Vout
GND
( Top View )
2
1
3
EN
Vin
4
5
Vout
7
Vout
Vout
6
8
Vout
5 PIN TO252/TO263
5
3
1
Vin
Vout
GND
Tab is Vout
( Top View )
2
4
EN
NC
5 PIN TO220
Tab is Vout
Vin
Vout
GND
5
3
1
2
4EN
NC
Pin Descriptions
NAME
FUNCTION
GND
Ground.
Vout
The output of the regulator. A minimum of 10uF capacitor must be connected from this pin
to ground to insure stability.
Vin
The input pin of regulator. Typically a large storage capacitor is connected from this pin to
ground to insure that the input voltage does not sag below the minimum dropout voltage
during the load transient response. This pin must always be 1.3V higher than Vout in order
for the device to regulate properly.
EN
The input pin of regulator. TTL/CMOS compatible input Logic high = disable output, Logic
Low or open = output enable. (internal pull-down resistor~100 K).
NC
No connection.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com