Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300A Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI7C7300A
Description  3-PORT PCI-to-PCI BRIDGE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300A Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI7C7300A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI7C7300A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI7C7300A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI7C7300A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI7C7300A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI7C7300A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI7C7300A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7C7300A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7C7300A Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 109 page
background image
PI7C7300A
3-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 3 OF 109
09/25/03 Revision 1.09
REVISION HISTORY
Revision
Date
Description
1.01
9/25/01
Corrected the description for bits 4:2 in both
Configuration register 1 and configuration register 2 at offset 40h
(Diagnostic/ Chip Control Register). Bit 4 controls the memory read and
flow-through and bits 3:2 are reserved.
Updated jumper setting/descriptions for the Evaluation Board User’s Manual.
Updated Sheet 1 of the schematics.
Added more description to Primary Reset.
1.02
10/25/01
Replaced Preliminary Information with Advanced Information.
1.03
10/29/01
Corrected Bit 30 of Secondary Status Register to read Received instead of
Signaled
Changed email address from
nolimits@pericom.com to
solutions@pericom.com.
1.04
11/12/01
Corrected PBGA Pin List (S2_AD[28], S1_CLKOUT[7:0] and
S2_CLKOUT[7:0] incorrect)
1.05
12/19/01
Corrected P_AD[27,26] in section 3.2 P_AD[27] should be V8 instead of U8,
and P_AD[26] should be U8 instead of V8.
1.06
06/04/02
TBD references for TDELAY in sections 17.4 and 17.5 removed.
TBD references removed for power consumption and supply current in
section 17.6.
Ambient temperature corrected in section 0 (maximum ratings)
1.07
08/22/02
Revised TSKEW in section 17.4 and 17.5
Added web reference to Thermal Characteristics in section 0
1.08
09/09/03
Corrected part number references from PI7C7300 to PI7C7300A.
1.09
09/25/03
Added back PO signal type description on section 3.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com