Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF82IAAV Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF82IAAV
Description  Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF82IAAV Datasheet(HTML) 2 Page - Texas Instruments

  DAC38RF82IAAV Datasheet HTML 1Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 2Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 3Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 4Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 5Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 6Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 7Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 8Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 140 page
background image
2
DAC38RF82, DAC38RF89
SLASEA6B – FEBRUARY 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: DAC38RF82 DAC38RF89
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 4
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 7
7.1
Absolute Maximum Ratings ...................................... 7
7.2
ESD Ratings.............................................................. 7
7.3
Recommended Operating Conditions ....................... 7
7.4
Thermal Information .................................................. 8
7.5
Electrical Characteristics - DC Specifications ........... 8
7.6
Electrical Characteristics - Digital Specifications .... 10
7.7
Electrical Characteristics - AC Specifications ......... 13
7.8
PLL/VCO Electrical Characteristics ........................ 15
7.9
Timing Requirements .............................................. 17
7.10
Typical Characteristics .......................................... 18
8
Detailed Description ............................................ 23
8.1
Overview ................................................................. 23
8.2
Functional Block Diagrams ..................................... 23
8.3
Feature Description................................................. 25
8.4
Device Functional Modes........................................ 60
8.5
Register Maps ........................................................ 64
9
Application and Implementation ...................... 126
9.1
Application Information.......................................... 126
9.2
Typical Application ............................................... 127
10
Power Supply Recommendations ................... 131
10.1
Power Supply Sequencing .................................. 132
11
Layout................................................................. 132
11.1
Layout Guidelines ............................................... 132
11.2
Layout Example .................................................. 134
12
Device and Documentation Support ............... 135
12.1
Related Links ...................................................... 135
12.2
Receiving Notification of Documentation
Updates.................................................................. 135
12.3
Community Resources........................................ 135
12.4
Trademarks ......................................................... 135
12.5
Electrostatic Discharge Caution .......................... 135
12.6
Glossary .............................................................. 135
13
Mechanical, Packaging, and Orderable
Information ......................................................... 135
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (April 2017) to Revision B
Page
•
Deleted Changed Feature From: Interpolation: 1,2,4,24x To: Interpolation: 1,2,24x ............................................................. 1
•
Changed the ALARM pin From: alarm_out_pol To: alm_out_pol in the Pin Functions table................................................. 5
•
Changed the Description of pins A3, A4, A7, A6, A9, A10, A12, E12, F11, F7, G6, H5, H7, J6, J11 in the Pin
Functions table ....................................................................................................................................................................... 5
•
Changed description of TXENABLE pin in the PIN Functions table ...................................................................................... 6
•
Changed the MAX value of VEE18N rail From: 0.5 V To 0.3 V in the Absolute Maximum Ratings table ............................. 7
•
Added "Supply Voltage Range" to the Recommended Operating Conditions table .............................................................. 7
•
Changed DNL typical value From: ±0.5 to ±3 LSB in Electrical Characteristics - DC Specifications table ........................... 8
•
Changed INL typical value From: ±1 To: ±4 LSB in Electrical Characteristics - DC Specifications table.............................. 8
•
Added "Reference voltage drift" to the Electrical Characteristics - DC Specifications table .................................................. 8
•
Changed Power Dissipation Test Condition From: MODE 5: dual channel, 8-bit input mode, 2x Interpolation To:
MODE 5: dual channel, 8-bit input mode, 1x Interpolation in the Electrical Characteristics - DC Specifications .................. 9
•
Changed the ILOAD values to negative for CMOS interface parameter, low-level output voltage, in the Electrical
Characteristics - Digital Specifications table......................................................................................................................... 10
•
Added 0 dBFS to the condition statement for the Electrical Characteristics - AC Specifications table ............................... 13
•
Added MIN and TYP value to maximum DAC sample rate for DAC38RF89 only in the Electrical Characteristics - AC
Specifications table............................................................................................................................................................... 13
•
Added NSD values for DAC38RF82 with on-chip PLL enabled to Electrical Characteristics - AC Specifications table...... 15
•
Changed the Isolation values in the TEST CONDITIONS, TYP value From: 74 dBc To: 82 dBc and 56 dBc To 73
dBc in the Electrical Characteristics - AC Specifications table............................................................................................. 15
•
Added Figure 16 ................................................................................................................................................................... 19
•
Changed the MPY values in Table 4.................................................................................................................................... 27
•
Added MPY value for 16.5x in the Table 4........................................................................................................................... 27
•
Changed input rate max and fdac max for 6x interpolation mode in Table 9 ..................................................................... 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com