Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 162 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 162 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 158Page - Texas Instruments DM505LRBABF Datasheet HTML 159Page - Texas Instruments DM505LRBABF Datasheet HTML 160Page - Texas Instruments DM505LRBABF Datasheet HTML 161Page - Texas Instruments DM505LRBABF Datasheet HTML 162Page - Texas Instruments DM505LRBABF Datasheet HTML 163Page - Texas Instruments DM505LRBABF Datasheet HTML 164Page - Texas Instruments DM505LRBABF Datasheet HTML 165Page - Texas Instruments DM505LRBABF Datasheet HTML 166Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 290 page
background image
1
DCANx_RX
2
DCANx_TX
SPRS91v_DCAN_01
162
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
(1) H = period of baud rate, 1/programmed baud rate.
Table 5-60. Switching Characteristics Over Recommended Operating Conditions for DCAN Transmit (1)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
f(baud)
Maximum programmable baud rate
1
Mbps
2
tw(DCANTX)
Pulse duration, transmit data bit (DCANx_TX)
H - 15
H + 15
ns
(1) H = period of baud rate, 1/programmed baud rate.
Figure 5-45. DCAN and MCAN Timings
CAUTION
The IO timings provided in this section are only valid if signals within a single
IOSET are used. The IOSETs are defined in Table 5-61.
In Table 5-61 are presented the specific groupings of signals (IOSET) for use with DCAN and MCAN.
Table 5-61. DCAN and MCAN IOSETs
SIGNALS
IOSET1
IOSET2
IOSET3
IOSET4
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
DCAN1
dcan1_tx
N5
0
D14
12
F14
12
dcan1_rx
N6
0
D15
12
C14
12
MCAN
mcan_tx
W7
0
F13
12
F15
12
mcan_rx
W6
0
E14
12
F16
12
5.9.6.14 GMAC_SW
The two-port gigabit ethernet switch subsystem (GMAC_SW) provides ethernet packet communication
and can be configured as an ethernet switch. It provides Reduced Gigabit Media Independent Interface
(RGMII), and the Management Data Input/Output (MDIO) for physical layer device (PHY) management.
NOTE
For more information, see the Gigabit Ethernet Switch (GMAC_SW) section of the Device
TRM.
NOTE
The Gigabit, Reduced and Media Independent Interface n (n = 0 to 1) are also referred to as
RGMIIn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com