Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 164 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 164 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 160Page - Texas Instruments DM505LRBABF Datasheet HTML 161Page - Texas Instruments DM505LRBABF Datasheet HTML 162Page - Texas Instruments DM505LRBABF Datasheet HTML 163Page - Texas Instruments DM505LRBABF Datasheet HTML 164Page - Texas Instruments DM505LRBABF Datasheet HTML 165Page - Texas Instruments DM505LRBABF Datasheet HTML 166Page - Texas Instruments DM505LRBABF Datasheet HTML 167Page - Texas Instruments DM505LRBABF Datasheet HTML 168Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 290 page
background image
rgmii _rxd[3:0]
n
(B)
rgmii _rxctl
n
(B)
rgmii _rxc
n
(A)
5
RXERR
RXDV
1st Half-byte
2nd Half-byte
RGRXD[7:4]
RGRXD[3:0]
2
3
1
4
4
6
SPRS91v_GMAC_08
164
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
5.9.6.14.2 GMAC RGMII Timings
Table 5-64, Table 5-65 and Figure 5-47 present Timing Requirements for receive RGMIIn operation.
Table 5-64. Timing Requirements for rgmiin_rxc - RGMIIn Operation
NO.
PARAMETER
DESCRIPTION
SPEED
MIN
MAX
UNIT
1
tc(RXC)
Cycle time, rgmiin_rxc
10 Mbps
360
440
ns
100 Mbps
36
44
ns
1000 Mbps
7.2
8.8
ns
2
tw(RXCH)
Pulse duration, rgmiin_rxc high
10 Mbps
160
240
ns
100 Mbps
16
24
ns
1000 Mbps
3.6
4.4
ns
3
tw(RXCL)
Pulse duration, rgmiin_rxc low
10 Mbps
160
240
ns
100 Mbps
16
24
ns
1000 Mbps
3.6
4.4
ns
4
tt(RXC)
Transition time, rgmiin_rxc
10 Mbps
0.75
ns
100 Mbps
0.75
ns
1000 Mbps
0.75
ns
Table 5-65. Timing Requirements for GMAC RGMIIn Input Receive for 10/100/1000 Mbps
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
5
tsu(RXD-RXCH)
Setup time, receive selected signals valid before rgmiin_rxc high/low
1.15
ns
6
th(RXCH-RXD)
Hold time, receive selected signals valid after rgmiin_rxc high/low
1.15
ns
(1) For RGMII, receive selected signals include: rgmiin_rxd[3:0] and rgmiin_rxctl.
(2) RGMII0 requires that the 4 data pins rgmii0_rxd[3:0] and rgmii0_rxctl have their board propagation delays matched within 50pS of
rgmii0_rxc.
(3) RGMII1 requires that the 4 data pins rgmii1_rxd[3:0] and rgmii1_rxctl have their board propagation delays matched within 50pS of
rgmii1_rxc.
A.
rgmiin_rxc must be externally delayed relative to the data and control pins.
B.
Data and control information is received using both edges of the clocks. rgmiin_rxd[3:0] carries data bits 3-0 on the
rising edge of rgmiin_rxc and data bits 7-4 on the falling edge ofrgmiin_rxc. Similarly, rgmiin_rxctl carries RXDV on
rising edge of rgmiin_rxc and RXERR on falling edge of rgmiin_rxc.
Figure 5-47. GMAC Receive Interface Timing, RGMIIn operation
Table 5-66, Table 5-67 and Figure 5-48 present switching characteristics for rgmiin_txctl - RGMIIn
Operation for 10/100/1000 Mbit/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com