Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 108 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 108 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 104Page - Texas Instruments DM505LRBABF Datasheet HTML 105Page - Texas Instruments DM505LRBABF Datasheet HTML 106Page - Texas Instruments DM505LRBABF Datasheet HTML 107Page - Texas Instruments DM505LRBABF Datasheet HTML 108Page - Texas Instruments DM505LRBABF Datasheet HTML 109Page - Texas Instruments DM505LRBABF Datasheet HTML 110Page - Texas Instruments DM505LRBABF Datasheet HTML 111Page - Texas Instruments DM505LRBABF Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 290 page
background image
xi_osc1
CK0
CK1
CK1
SPRS91v_CLK_07
108
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 5-12. xi_osc1 Input Clock
5.9.4.1.4 RC On-die Oscillator Clock
RCOSC_32K_CLK is received directly through a network of resistor and capacitor (an RC network) inside
of the SoC. This RC oscillator do not have good frequency stability. The Frequency range is described in
Table 5-24, which depends on the temperature. For more information about RCOSC_32K_CLK see the
Device TRM, Chapter: Power, Reset, and Clock Management.
Table 5-24. RC On-die Oscillator Clock Frequency Range
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
RCOSC_32K_CLK
Internal RC Oscillator
Range from 28 to 42
kHz
5.9.4.2
Output Clocks
NOTE
NOTE TO USERS:
The content of this section is UNDER DEVELOPMENT!
5.9.4.3
DPLLs, DLLs
NOTE
For more information, see:
•
Power, Reset, and Clock Management / Clock Management Functional Description /
Internal Clock Sources / Generators / Generic DPLL Overview Section
and
•
Display Subsystem / Display Subsystem Overview section of the Device TRM.
To generate high-frequency clocks, the device supports multiple on-chip DPLLs controlled directly by the
PRCM module.
•
They have their own independent power domain (each one embeds its own switch and can be
controlled as an independent functional power domain)
•
They are fed with ALWAYS ON system clock, with independent control per DPLL.
The different DPLLs managed by the PRCM are listed below:
•
DPLL_CORE: It supplies all interface clocks and also few module functional clocks.
•
DPLL_PER: It supplies several clock sources: a 192-MHz clock for the display functional clock , a
96-MHz functional clock to subsystems and peripherals.
•
DPLL_GMAC_DSP: It supplies RGMII, EVE1 and DSP0 module functional clocks.
•
DPLL_EVE_VID_DSP: It provides a few module functional clocks (EVE_GFCLK, VID_PIX_CLK
and DSP1_CLK).
•
DPLL_DDR: It generates clocks for the one External Memory Interface (EMIF) controller and its
associated EMIF PHYs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com