Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 110 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 110 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 106Page - Texas Instruments DM505LRBABF Datasheet HTML 107Page - Texas Instruments DM505LRBABF Datasheet HTML 108Page - Texas Instruments DM505LRBABF Datasheet HTML 109Page - Texas Instruments DM505LRBABF Datasheet HTML 110Page - Texas Instruments DM505LRBABF Datasheet HTML 111Page - Texas Instruments DM505LRBABF Datasheet HTML 112Page - Texas Instruments DM505LRBABF Datasheet HTML 113Page - Texas Instruments DM505LRBABF Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 290 page
background image
110
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-26. DPLL Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
COMMENTS
finput
CLKINP input frequency
0.032
52
MHz
FINP
finternal
Internal reference frequency
0.15
52
MHz
REFCLK
fCLKINPHIF
CLKINPHIF input frequency
10
1400
MHz
FINPHIF
fCLKINPULOW
CLKINPULOW input frequency
0.001
600
MHz
Bypass mode: fCLKOUT =
fCLKINPULOW / (M1 + 1) if
ulowclken = 1(6)
fCLKOUT
CLKOUT output frequency
20(1)
1400(2)
MHz
[M / (N + 1)] × FINP × [1 / M2]
(in locked condition)
fCLKOUTx2
CLKOUTx2 output frequency
40(1)
2200(2)
MHz
2 × [M / (N + 1)] × FINP × [1 /
M2] (in locked condition)
fCLKOUTHIF
CLKOUTHIF output frequency
20(3)
1400(4)
MHz
FINPHIF / M3 if clkinphifsel = 1
40(3)
2200(4)
MHz
2 × [M / (N + 1)] × FINP × [1 /
M3] if clkinphifsel = 0
fCLKDCOLDO
DCOCLKLDO output
frequency
40
2800
MHz
2 × [M / (N + 1)] × FINP (in
locked condition)
tlock
Frequency lock time
6 + 350 ×
REFCLK
µs
plock
Phase lock time
6 + 500 ×
REFCLK
µs
trelock-L
Relock time—Frequency lock(5)
(LP relock time from bypass)
6 + 70 ×
REFCLK
µs
DPLL in LP relock time:
lowcurrstdby = 1
prelock-L
Relock time—Phase lock(5) (LP
relock time from bypass)
6 + 120 ×
REFCLK
µs
DPLL in LP relock time:
lowcurrstdby = 1
trelock-F
Relock time—Frequency lock(5)
(fast relock time from bypass)
3.55 + 70 ×
REFCLK
µs
DPLL in fast relock time:
lowcurrstdby = 0
prelock-F
Relock time—Phase lock(5)
(fast relock time from bypass)
3.55 + 120 ×
REFCLK
µs
DPLL in fast relock time:
lowcurrstdby = 0
(1) The minimum frequencies on CLKOUT and CLKOUTX2 are assuming M2 = 1.
For M2 > 1, the minimum frequency on these clocks will further scale down by factor of M2.
(2) The maximum frequencies on CLKOUT and CLKOUTX2 are assuming M2 = 1.
(3) The minimum frequency on CLKOUTHIF is assuming M3 = 1. For M3 > 1, the minimum frequency on this clock will further scale down
by factor of M3.
(4) The maximum frequency on CLKOUTHIF is assuming M3 = 1.
(5) Relock time assumes typical operating conditions, 10°C maximum temperature drift.
(6) Bypass mode: fCLKOUT = FINP if ulowclken = 0. For more information, see the Device TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com