Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 115 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 115 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 111Page - Texas Instruments DM505LRBABF Datasheet HTML 112Page - Texas Instruments DM505LRBABF Datasheet HTML 113Page - Texas Instruments DM505LRBABF Datasheet HTML 114Page - Texas Instruments DM505LRBABF Datasheet HTML 115Page - Texas Instruments DM505LRBABF Datasheet HTML 116Page - Texas Instruments DM505LRBABF Datasheet HTML 117Page - Texas Instruments DM505LRBABF Datasheet HTML 118Page - Texas Instruments DM505LRBABF Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 290 page
background image
vouti_clk
vouti_vsync
vouti_hsync
vouti_d[23:0]
vouti_de
vouti_fld
data_1 data_2
data_n
odd
even
D1
D2
D3
D6
D6
D5
D6
D6
SWPS049-018
D4
vouti_clk
Falling-edge Clock Reference
Rising-edge Clock Reference
115
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
CAUTION
All pads/balls configured as vouti_* signals must be programmed to use slow
slew rate by setting the corresponding CTRL_CORE_PAD_*[SLEWCONTROL]
register field to SLOW (0b1).
Table 5-31 and Figure 5-15 assume testing over the recommended operating conditions and electrical
characteristic conditions.
Table 5-31. DPI Video Output 1 Switching Characteristics(1)(2)
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
D1
tc(clk)
Cycle time, output pixel clock vouti_clk
6.73
ns
D2
tw(clkL)
Pulse duration, output pixel clock vouti_clk low
P*0.5-1
ns
D3
tw(clkH)
Pulse duration, output pixel clock vouti_clk high
P*0.5-1
ns
D5
td(clk-ctlV)
Delay time, output pixel clock vouti_clk transition to output
data vouti_d[23:0] valid
DPI1
-1.33
1.01
ns
D6
td(clk-dV)
Delay time, output pixel clock vouti_clk transition to output
control signals vouti_vsync, vouti_hsync, vouti_de, and
vouti_fld valid
DPI1
-1.33
1.01
ns
(1) P = output vout1_clk period in ns.
(2) All pads/balls configured as vouti_* signals must be programmed to use slow slew rate by setting the corresponding
CTRL_CORE_PAD_*[SLEWCONTROL] register field to SLOW (0b1).
(3) SERDES transceivers may be sensitive to the jitter profile of vouti_clk. See Application Note SPRAC62 for additional guidance.
Figure 5-15. DPI Video Output(1)(2)(3)
(1) The configuration of assertion of the data can be programmed on the falling or rising edge of the pixel clock.
(2) The polarity and the pulse width of vout1_hsync and vout1_vsync are programmable, refer to the DSS section of the device TRM.
(3) The vout1_clk frequency can be configured, refer to the DSS section of the device TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com