Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 116 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 116 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 112Page - Texas Instruments DM505LRBABF Datasheet HTML 113Page - Texas Instruments DM505LRBABF Datasheet HTML 114Page - Texas Instruments DM505LRBABF Datasheet HTML 115Page - Texas Instruments DM505LRBABF Datasheet HTML 116Page - Texas Instruments DM505LRBABF Datasheet HTML 117Page - Texas Instruments DM505LRBABF Datasheet HTML 118Page - Texas Instruments DM505LRBABF Datasheet HTML 119Page - Texas Instruments DM505LRBABF Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 290 page
background image
116
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
5.9.6.4
ISS
NOTE
For more information, see the Imaging Subsystem chapter of the device TRM.
The imaging subsystem (ISS) deals with the processing of the pixel data coming from an external image
sensor or data from memory (image format encoding and decoding can be done to and from memory).
With its subparts, such as interfaces and interconnects, image signal processor (ISP), and still image
coprocessor (SIMCOP), the ISS is a key component for the following use cases:
•
Rear View Camera
•
Front View Stereo Camera
•
Surround View Camera
The ISS is mainly composed of CAL_A, CAL_B, LVDS-RX camera interfaces, a parallel interface (CPI),
an ISP, and a block-based imaging accelerator (SIMCOP).
•
The Camera Adapter Layer (CAL_A) supports MIPI® CSI2 protocol with four data lanes. The CAL_A is
targeted as sensor capture interface and write DMA, while CAL_B is targeted as read DMA engine and
does not support sensor capture.
•
The LVDS receiver (LVDS-RX) support Sony / Aptina / Omnivision / Panasonic / AltaSens serial
interfaces.
•
The parallel interface (CPI) supports up to 16 data lanes.
All interfaces can use the image signal processor (ISP), but not concurrently. When one interface uses the
ISP, the other must send data to memory. However, the ISP can still be used to process this data in
memory-to-memory. Time multiplex processing is also possible.
The camera adaptation layer (CAL) deals with the processing of the pixel data coming from an external
image sensor, data from memory. The CAL is a key component for the following multimedia applications:
camera viewfinder, video record, and still image capture. The CAL has two serial camera interfaces
(primary and secondary):
•
The primary serial interface (CSI2 Port A) is compliant with MIPI CSI-2 protocol with four data lanes.
5.9.6.4.1 CSI-2 MIPI D-PHY—1.5 V and 1.8 V
The CSI-2 port A is compliant with the MIPI D-PHY RX specification v1.00.00 and the MIPI CSI-2
specification v1.00, with 4 data differential lanes plus 1 clock differential lane in synchronous mode,
double data rate:
•
1.5 Gbps (750 MHz) @OPP_NOM for each lane.
CAUTION
The IO timings provided in this section are only valid if signals within a single
IOSET are used. The IOSETs are defined in Table 5-32.
In Table 5-32 are presented the specific groupings of signals (IOSET) for use with ISS.
Table 5-32. Camera Parallel Interface (CPI) IOSETs
SIGNALS
IOSET1
IOSET2
BALL
MUX
BALL
MUX
cpi_pclk
F22
1
F22
1
cpi_data0
F19
1
F19
1
cpi_data1
G19
1
G19
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com