Electronic Components Datasheet Search
  English  ▼

X  

RT4730WSC Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT4730WSC
Description  Power Solution for Wearable AMOLED Products
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4730WSC Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT4730WSC Datasheet HTML 4Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 5Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 6Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 7Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 8Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 9Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 10Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 11Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
RT4730
8
DS4730-01
March 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Recommended Operating Conditions
(Note 4)
Supply Input Voltage -------------------------------------------------------------------------------------------------------- 2.9V to 4.8V
Junction Temperature Range ----------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ----------------------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Power Supply
Input Supply Voltage
VIN
2.9
3.7
4.8
V
Quiescent Current
IQ
AVDDEN = high, SWIRE = high
--
400
--
A
AVDDEN = high, SWIRE = low
--
200
--
Shutdown Current
ISHDN
AVDDEN = low, SWIRE = low
--
0.1
2
A
Under-Voltage Lockout
Threshold
VUVLOH
VIN rising
--
2.6
--
V
VUVLOL
VIN falling
--
2.4
--
V
Thermal Shutdown
TSD
--
140
--
C
Thermal Shutdown
Hysteresis
TSD
--
10
--
C
SWIRE
SWIRE Logic High-Level
Voltage
VSRH
VIN = 2.9V to 4.8V
1.2
--
--
V
SWIRE Logic Low-Level
Voltage
VSRL
VIN = 2.9V to 4.8V
GND
--
0.4
V
SWIRE Pulldown Resistor
RSR
200
500
900
k
SWIRE Turn-off Detection
Time
Toff_dly
300
--
--
s
SWIRE Signal Stop Indicate
Time
Tstop
300
--
--
s
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, AVIN, PVIN to AGND ---------------------------------------------------------------------------
−0.3V to 6V
VOUT, AVDD, OVDD, SWIRE, AVDDEN to AGND ------------------------------------------------------------------
−0.3V to 6V
VON, OVSS to AGND ------------------------------------------------------------------------------------------------------
−6.6V to 0.3V
Power Dissipation, PD @ TA = 25
°C
WL-CSP-16B 2.34 x 2.34 (BSC) ---------------------------------------------------------------------------------------- 2.36W
Package Thermal Resistance (Note 2)
WL-CSP-16B 2.34 x 2.34 (BSC),
θJA ----------------------------------------------------------------------------------- 42.3°C/W
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------------- 260
°C
Junction Temperature ------------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range ----------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ------------------------------------------------------------------------------------------------ 2kV
MM (Machine Model) ------------------------------------------------------------------------------------------------------- 200V
(VIN = 3.7V, AVDD = 3.3V, OVDD = 3.3V, OVSS =
−3.3V, TA = 25°C, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com