Electronic Components Datasheet Search
  English  ▼

X  

RT4730WSC Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT4730WSC
Description  Power Solution for Wearable AMOLED Products
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4730WSC Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT4730WSC Datasheet HTML 8Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 9Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 10Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 11Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 12Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 13Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 14Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 15Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
RT4730
12
DS4730-01
March 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
OVSS vs. Input Voltage
-3.320
-3.315
-3.310
-3.305
-3.300
-3.295
-3.290
-3.285
-3.280
2.8
3.3
3.8
4.3
4.8
Input Voltage (V)
IOVSS = 35mA
IOVSS = 10mA
OVSS =
−3.3V
Time (100ms/Div)
AVDDEN Power On
OVDD
(3V/Div)
AVDD
(3V/Div)
OVSS
(3V/Div)
AVDDEN
(3V/Div)
Time (100ms/Div)
SWIRE Power On
OVDD
(3V/Div)
SWIRE
(3V/Div)
OVSS
(3V/Div)
VIN
(3V/Div)
Time (100ms/Div)
AVDDEN Power Off
OVDD
(3V/Div)
AVDD
(3V/Div)
OVSS
(3V/Div)
EN
(3V/Div)
Time (5s/Div)
SWIRE Power Off
OVDD
(2V/Div)
OVSS
(2V/Div)
SWIRE
(2V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com