Electronic Components Datasheet Search
  English  ▼

X  

RT4730WSC Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT4730WSC
Description  Power Solution for Wearable AMOLED Products
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4730WSC Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT4730WSC Datasheet HTML 5Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 6Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 7Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 8Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 9Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 10Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 11Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 12Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
RT4730
9
DS4730-01
March 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
SWIRE Rising Time
tr
--
--
200
ns
SWIRE Falling Time
tf
--
--
200
ns
Clocked SWIRE High
TON
2
--
20
s
Clocked SWIRE Low
TOFF
2
--
20
s
Input Clocked SWIRE
Frequency
fSWIRE
25
--
250
kHz
AVDDEN
AVDD Enable Input Voltage
VIH
VIN = 2.9V to 4.8V
1.2
--
--
V
VIL
VIN = 2.9V to 4.8V
GND
--
0.4
Buck_Boost
Positive Output Voltage
Range
VOUT_RANGE
3.5
--
4.2
V
Switching Frequency
fSW
2.75
--
3.25
MHz
Over Current Protection
IOCP
1.2
1.5
1.8
A
Negative Charge Pump
Negative Output Voltage
Range
VON_RANGE
4.1
--
0.7
V
Switching Frequency
fSW
0.8
1
1.2
MHz
AVDD
Positive Output Voltage
Range
AVDD_RANGE
--
3.3
--
V
Positive Output Voltage
Accuracy
AVDD_Acc
AVDD = 3.3V
1
--
1
%
Output Current Capability
IAVDD
10
--
mA
Line Regulation
VAVDD_LINE
VIN = 2.9 to 4.5V, IAVDD = 10mA
10
--
10
mV
Load Regulation
VAVDD_LOAD
IAVDD = 0 to 10mA
10
--
10
mV
Output Ripple
VAVDD_RIPPLE
--
--
20
mV
Current Limit
IAVDD_LIMIT
--
150
--
mA
Discharge Resistance
RAVDD_RDIS
--
400
--
Short Circuit Protection
AVDD_SCP
--
80
--
%
OVDD
Positive Output Voltage
Range
VOVDD_RANGE
2.8
3.3
4
V
Positive Output Voltage
Accuracy
OVDD_Acc
OVDD = 3.3V
1
--
1
%
Output Current Capability
IOVDD
50
--
--
mA
Line Regulation
VOVDD_LINE
VIN = 2.9 to 4.5V, IOVDD = 10mA
10
--
10
mV
Load Regulation
VOVDD_LOAD
IOVDD = 0 to 10mA
10
--
10
mV
Output Ripple
VOVDD_RIPPLE
--
--
10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com