Electronic Components Datasheet Search
  English  ▼

X  

RT4730WSC Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT4730WSC
Description  Power Solution for Wearable AMOLED Products
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4730WSC Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT4730WSC Datasheet HTML 6Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 7Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 8Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 9Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 10Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 11Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 12Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 13Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
RT4730
10
DS4730-01
March 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1. Stresses beyond those listed
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured under natural convection (still air) at TA = 25°C with the component mounted on a high effective-
thermal-conductivity four-layer test board on a JEDEC 51-7 thermal measurement standard.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Note 5. Not production tested. Test condition is VIN = 8V, VOUT = 1V, IOUT = 20A using application circuit.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Current Limit
IOVDD_LIMIT
--
150
--
mA
Discharge Resistance
ROVDD_RDIS
--
400
--
Short Circuit Protection
OVDD_SCP
--
80
--
%
OVSS
Negative Output Voltage
Range
VOVSS_RANGE
4
3.3
0.6
V
Negative Output Voltage
Accuracy
OVSS_Acc
OVSS =
3.3V
1
--
1
%
Output Current Capability
IOVSS
50
--
--
mA
Line Regulation
VOVSS _LINE
VIN = 2.9 to 4.5V, IOVSS = 10mA
10
--
10
mV
Load Regulation
VOVSS _LOAD
IOVSS = 0 to 10mA
10
--
10
mV
Output Ripple
VOVSS _RIPPLE
--
--
20
mV
Current Limit
IOVSS_LIMIT
--
100
--
mA
Discharge Resistance
ROVSS _RDIS
--
400
--

Short Circuit Protection
OVSS _SCP
--
80
--
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com