Electronic Components Datasheet Search
  English  ▼

X  

EMIF06 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EMIF06
Description  6 LINES EMI FILTER AND ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EMIF06 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EMIF06 Datasheet HTML 1Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 2Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 3Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 4Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 5Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EMIF06-10006F1
3/6
100.0k
1.0M
10.0M
100.0M
1.0G
-50.00
-37.50
-25.00
-12.50
0.00
dB
f/Hz
Simulation
Measurement
100.0k
1.0M
10.0M
100.0M
1.0G
-50.00
-37.50
-25.00
-12.50
0.00
dB
f/Hz
Simulation
Measurement
Simulation
Measurement
Fig. 1: S21 (dB) attenuation measurements and
Aplac simulation.
Aplac 7.62 User: ST Microelectronics
100k
1M
10M
100M
1G
00
-25
-50
-75
-100
Aplac 7.62 User: ST Microelectronics
dB
dB
i3_o2.s2p
f/Hz
Fig. 2: Analog crosstalk measurements.
Fig. 3: Digital crosstalk measurements.
Fig. 4: ESD response to IEC61000-4-2 (+15kV air
discharge) on one input V(in) and one output V(out).
Fig. 5: ESD response to IEC61000-4-2 (-15kV air
discharge) on one input V(in) and one output V(out).
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V(V)
R
C(pF)
F=1MHz
V
osc=30mVRMS
T
j=25°C
Fig. 6: Line capacitance versus applied voltage for
filter.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com