Electronic Components Datasheet Search
  English  ▼

X  

EMIF06 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EMIF06
Description  6 LINES EMI FILTER AND ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EMIF06 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EMIF06 Datasheet HTML 1Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 2Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 3Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 4Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 5Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EMIF06-10006F1
4/6
Oi * = Output of each cell
Ii* = Input of each cell
Oi*
Cz=41pF@0V
Cz=41pF@0V
sub
Rs=100
Lbump
Rbump
Rsub
Cbump
Ii*
Rsub
Lbump
Rbump
Cbump
sub
Lbump
Rbump
sub
Rsub
Lgnd
Rgnd
Cgnd
Cgnd
Cgnd
EMIF06-10006F1 model
Ground return for each GND bump
Aplac model
aplacvar Rs
100
aplacvar Cz
41 pF
aplacvar Lbump
50 pH
aplacvar Rbump
20 m
aplacvar Cbump
1.2 pF
aplacvar Rsub
100 m
aplacvar Rgnd
100 m
aplacvar Lgnd
100 pH
aplacvar Cgnd
0.15 pF
Aplac parameters



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com