Electronic Components Datasheet Search
  English  ▼

X  

EMIF06 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EMIF06
Description  6 LINES EMI FILTER AND ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EMIF06 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EMIF06 Datasheet HTML 1Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 2Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 3Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 4Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 5Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EMIF06-10006F1
5/6
EMIF
yy
xxx zz
F
1
-
EMI Filter
Number of lines
x: resistance value ( )
z: capacitance value / 10 (pF)
or
application (3 letters) and version (2 digits)
FLIP CHIP
Pitch = 500µm
Bump = 315µm
ORDER CODE
2.92mm ± 50µm
315µm ± 50
500µm ± 50
250µm ± 50
650µm ± 65
PACKAGE MECHANICAL DATA
545
400
x
y
x
w
x
w
Dot, ST logo
xxx = marking
yww = datecode
(y = year
ww = week)
All dimensions in µm
MARKING
Copper pad Diameter :
250µm recommended , 300µm max
Solder stencil opening : 330µm
Solder mask opening recommendation :
340µm min for 300µm copper pad diameter
FOOT PRINT RECOMMENDATIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com