Electronic Components Datasheet Search
  English  ▼

X  

EMIF06 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EMIF06
Description  6 LINES EMI FILTER AND ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EMIF06 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EMIF06 Datasheet HTML 1Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 2Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 3Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 4Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 5Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
EMIF06-10006F1
®
March 2004 - Ed: 2
Flip-Chip package
®
I4
O4
I1
O1
I6
Gnd
Gnd
Gnd
O6
I3
O3
I5
O5
I2
O2
98
7
6
5
4
32
1
A
B
C
PIN CONFIGURATION (ball side)
6 LINES EMI FILTER
AND ESD PROTECTION
IPADTM
TM : IPAD is a trademark of STMicroelectronics.
IEC 61000-4-2 level 4:
15kV
(air discharge)
8 kV
(contact discharge)
MIL STD 883E - Method 3015-6 Class 3: 30kV
COMPLIES WITH THE FOLLOWING STANDARDS :
EMI symmetrical (I/O) low-pass filter
High efficiency in EMI filtering
Very low PCB space consuming:
2.92mm x 1.29mm
Very thin package: 0.65 mm
High efficiency in ESD suppression
(IEC61000-4-2 level 4)
High reliability offered by monolithic integration
High reducing of parasitic elements through
integration and wafer level packaging.
BENEFITS
Where EMI filtering in ESD sensitive equipment is
required:
Mobile phones
Computers and printers
Communication systems
MCU Boards
MAIN PRODUCT CHARACTERISTICS
The EMIF06-10006F1 is a highly integrated devices
designed to suppress EMI/RFI noise in all systems
subjected to electromagnetic interferences. The
EMIF06 flip-chip packaging means the package size
is equal to the die size.
This filter includes an ESD protection circuitry which
prevents the device from destruction when subjected
to ESD surges up 15kV. This device includes 6 EMIF
filters.
DESCRIPTION
Output 4
Input 1
30pF
30pF
100
Output 1
Input 4
30pF
30pF
100
Output 5
Input 5
30pF
30pF
100
Output 6
Input 6
30pF
30pF
100
Input 2
30pF
30pF
100
Output 2
Input 3
30pF
30pF
100
Output 3
BASIC CELL CONFIGURATION


Similar Part No. - EMIF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-10006C2 STMICROELECTRONICS-EMIF06-10006C2 Datasheet
240Kb / 9P
6 line EMI filter and ESD protection
17-Nov-2006
EMIF06-10006F1 STMICROELECTRONICS-EMIF06-10006F1 Datasheet
235Kb / 6P
6 LINES EMI FILTER AND ESD PROTECTION
Jan-2003
EMIF06-10006F2 STMICROELECTRONICS-EMIF06-10006F2 Datasheet
241Kb / 9P
6 line EMI filter and ESD protection
17-Nov-2006
EMIF06-1002F2 STMICROELECTRONICS-EMIF06-1002F2 Datasheet
218Kb / 7P
6-line IPAD?? EMI filter and ESD protection
29-Mar-2010
EMIF06-1005M12 STMICROELECTRONICS-EMIF06-1005M12 Datasheet
180Kb / 10P
6-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
04-Feb-2008
More results

Similar Description - EMIF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF04-10006F1 STMICROELECTRONICS-EMIF04-10006F1 Datasheet
241Kb / 6P
4 LINES EMI FILTER AND ESD PROTECTION
Jan-2003
EMIF10-LCD01C1 STMICROELECTRONICS-EMIF10-LCD01C1 Datasheet
109Kb / 7P
10 LINES EMI FILTER AND ESD PROTECTION
September 2004 REV. 1
EMIF06-10006F1 STMICROELECTRONICS-EMIF06-10006F1 Datasheet
235Kb / 6P
6 LINES EMI FILTER AND ESD PROTECTION
Jan-2003
EMIF04-VID01C1 STMICROELECTRONICS-EMIF04-VID01C1 Datasheet
132Kb / 6P
4 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
2005-Feb-15
EMIF06-VID01C1 STMICROELECTRONICS-EMIF06-VID01C1 Datasheet
124Kb / 6P
6 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
15-Feb-2005
EMIF10-LCD01F1 STMICROELECTRONICS-EMIF10-LCD01F1 Datasheet
224Kb / 6P
10 LINES EMI FILTER AND ESD PROTECTION
Nov-2003
EMIF06-VID01F2 STMICROELECTRONICS-EMIF06-VID01F2 Datasheet
124Kb / 6P
6 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
15-Feb-2005
EMIF06-HMC01F2 STMICROELECTRONICS-EMIF06-HMC01F2 Datasheet
197Kb / 7P
6 LINES EMI FILTER INCLUDING ESD PROTECTION
25-Jan-2005
EMIF11-10002C4 STMICROELECTRONICS-EMIF11-10002C4 Datasheet
305Kb / 6P
9 LINES EMI FILTER AND ESD PROTECTION
Oct-2003
EMIF06-10006F2 STMICROELECTRONICS-EMIF06-10006F2 Datasheet
241Kb / 9P
6 line EMI filter and ESD protection
17-Nov-2006
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com