Electronic Components Datasheet Search
  English  ▼

X  

SRP Datasheet(PDF) 13 Page - Hitachi Semiconductor

Part # SRP
Description  High Speed Current Mode PWM Control IC for Switching Power Supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

SRP Datasheet(HTML) 13 Page - Hitachi Semiconductor

Back Button SRP Datasheet HTML 9Page - Hitachi Semiconductor SRP Datasheet HTML 10Page - Hitachi Semiconductor SRP Datasheet HTML 11Page - Hitachi Semiconductor SRP Datasheet HTML 12Page - Hitachi Semiconductor SRP Datasheet HTML 13Page - Hitachi Semiconductor SRP Datasheet HTML 14Page - Hitachi Semiconductor SRP Datasheet HTML 15Page - Hitachi Semiconductor SRP Datasheet HTML 16Page - Hitachi Semiconductor SRP Datasheet HTML 17Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
HA17384SPS/SRP, HA17384HPS/HRP, HA17385HPS/HRP
13
Power OFF
At power OFF, the input voltage of the transformer gradually decreases and then V
IN of IC also decreases
according to the input voltage. When V
IN becomes lower than 10 V*
2 or Vref becomes lower than 4.7 V,
UVL1 (UVL2) operates again and the PWM pulse stops.
Note: 2. The value is for the HA17384S/H.
The value is 7.6 V for the HA17385H.
Commercial AC voltage
Power switch
Line filter
Rectifier
bridge diode
DC
output
Floating
ground
Power MOSFET
ex. 2SK1567
SBD
ex. HRP24
OVP input
(Ex: from photocoupler)
20k
3.6k
100
µ
200V
1000
µ
10V
RT
10k
VCS
RB
220k
1/4W
CB
10
µ
50V
VIN
0.1
µ
51
1k
−
+
B
P
S
HRP32
Vref
VIN
OUT
GND
COMP
FB
HA17384H,
HA17385H
CS
RT/CT
+
−
+
−
+
−
+
−
RCS
1
2W
100p
150k
330p
CT
3300p
Figure 2 Mounting Circut Diagram for Operation Expression



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com