Electronic Components Datasheet Search
  English  ▼

X  

SRP Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # SRP
Description  High Speed Current Mode PWM Control IC for Switching Power Supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

SRP Datasheet(HTML) 4 Page - Hitachi Semiconductor

  SRP Datasheet HTML 1Page - Hitachi Semiconductor SRP Datasheet HTML 2Page - Hitachi Semiconductor SRP Datasheet HTML 3Page - Hitachi Semiconductor SRP Datasheet HTML 4Page - Hitachi Semiconductor SRP Datasheet HTML 5Page - Hitachi Semiconductor SRP Datasheet HTML 6Page - Hitachi Semiconductor SRP Datasheet HTML 7Page - Hitachi Semiconductor SRP Datasheet HTML 8Page - Hitachi Semiconductor SRP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
HA17384SPS/SRP, HA17384HPS/HRP, HA17385HPS/HRP
4
Block Diagram
Oscillator
Totem pole
output circuit
Note: 1. Blocks with bold line are not included in HA17384SPS/SRP.
0.8mA
EA
−
+
OVP
−
+
CS
−
+
7.0V
UVL1
H
L
VL VH
UVL2
Vref > 4.7V
R
Q
S
6.5V
1
2
Vref
(2.5V)
*
1
2VF
160
°C
2R
R
1V
R
S
Q
PWM LOGIC
Vref
NOR
8.4 mA
1.2V
+
−
OR
34V
1
2
3
4
8
7
6
COMP
FB
(OVP input)
CS
RT/CT
Vref
VIN
OUT
5
GND
2.8 V
OUT
5V band
gap
reference
regulator
OVP
latch
TSD
sense
CS
latch
Latch set
pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com