Electronic Components Datasheet Search
  English  ▼

X  

SRP Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # SRP
Description  High Speed Current Mode PWM Control IC for Switching Power Supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

SRP Datasheet(HTML) 3 Page - Hitachi Semiconductor

  SRP Datasheet HTML 1Page - Hitachi Semiconductor SRP Datasheet HTML 2Page - Hitachi Semiconductor SRP Datasheet HTML 3Page - Hitachi Semiconductor SRP Datasheet HTML 4Page - Hitachi Semiconductor SRP Datasheet HTML 5Page - Hitachi Semiconductor SRP Datasheet HTML 6Page - Hitachi Semiconductor SRP Datasheet HTML 7Page - Hitachi Semiconductor SRP Datasheet HTML 8Page - Hitachi Semiconductor SRP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
HA17384SPS/SRP, HA17384HPS/HRP, HA17385HPS/HRP
3
Product Line-up
Package
Additional Function
UVL Power Supply
Threshold Voltage
DILP8 (DP-8)
SOP8 (FP-8DC)
TSD
(Thermal shut-
down protection)
OVP
(Over voltage
protection)
V
TH UVL (V) Typ
V
TL UVL (V) Typ
HA17384SPS
HA17384SRP
—
—
16.0
10.0
HA17384HPS
HA17384HRP
rr
HA17385HPS
HA17385HRP
rr
8.4
7.6
Pin Arrangement
1
2
3
4
8
7
6
5
COMP
FB
CS
RT/CT
Vref
VIN
OUT
GND
(Top view)
Pin Function
Pin No.
Symbol
Function
Note
1
COMP
Error amplifier output pin
2
FB
Inverting input of error amp./OVP input pin
1
3
CS
Current sensing signal input pin
4R
T/CT
Timing resistance, timing capacitance connect pin
5
GND
Groung pin
6
OUT
PWM Pulse output pin
7V
IN
Power supply voltage input pin
8
Vref
Reference voltage 5V output pin
Note:
1. Overvoltage protection (OVP) input is usable only for the HA17384H and HA17385H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com