Electronic Components Datasheet Search
  English  ▼

X  

SRP Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # SRP
Description  High Speed Current Mode PWM Control IC for Switching Power Supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

SRP Datasheet(HTML) 2 Page - Hitachi Semiconductor

  SRP Datasheet HTML 1Page - Hitachi Semiconductor SRP Datasheet HTML 2Page - Hitachi Semiconductor SRP Datasheet HTML 3Page - Hitachi Semiconductor SRP Datasheet HTML 4Page - Hitachi Semiconductor SRP Datasheet HTML 5Page - Hitachi Semiconductor SRP Datasheet HTML 6Page - Hitachi Semiconductor SRP Datasheet HTML 7Page - Hitachi Semiconductor SRP Datasheet HTML 8Page - Hitachi Semiconductor SRP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
HA17384SPS/SRP, HA17384HPS/HRP, HA17385HPS/HRP
2
Functions
• Under-voltage lockout system
• Reference voltage regulator of 5.0 V ± 2%
• Triangular wave (sawtooth) oscillator
• Error amplifier
• Totem pole output driver circuit (direct driving for power MOSFETs)
• Current-detection comparator circuit for current mode
• OVP function (over voltage protection) *1
• TSD function (thermal shut-down protection) *1
• Protect function by zener diode (between power input and GND)
Note: 1. H series only.
Features
• High-safety UVL circuit is used (Both V
IN and Vref are monitored)
• High speed operation:
 Current detection response time: 100 ns Typ
 Maximum oscillation frequency: 500 kHz
• Low standby current: 170 µA Typ
• Wide range dead band time
(Discharge current of timing capacitance is constant 8.4 mA Typ)
• Able to drive power MOSFET directly
(Absolute maximum rating of output current is ±1 A peak)
• OVP function (over voltage protection) is included *1
(Output stops when FB terminal voltage is 7.0 V Typ or higher)
• TSD function (thermal shut-down protection) is included *1
(Output stops when the temperature is 160°C Typ or higher)
• Zener protection is included
(Clamp voltage between V
IN and GND is 34 V Typ)
• Wide operating temperature range:
 Operating temperature: –20°C to +105°C
 Junction temperature: 150°C *2
Note: 1. H series only.
2. S series only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com