Electronic Components Datasheet Search
  English  ▼

X  

RX5000 Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # RX5000
Description  433.92 MHz Hybrid Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RX5000 Datasheet(HTML) 3 Page - RF Monolithics, Inc

  RX5000 Datasheet HTML 1Page - RF Monolithics, Inc RX5000 Datasheet HTML 2Page - RF Monolithics, Inc RX5000 Datasheet HTML 3Page - RF Monolithics, Inc RX5000 Datasheet HTML 4Page - RF Monolithics, Inc RX5000 Datasheet HTML 5Page - RF Monolithics, Inc RX5000 Datasheet HTML 6Page - RF Monolithics, Inc RX5000 Datasheet HTML 7Page - RF Monolithics, Inc RX5000 Datasheet HTML 8Page - RF Monolithics, Inc RX5000 Datasheet HTML 9Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Item
Symbol
OOK
OOK
ASK
Units
Notes
Nominal NRZ Data Rate
DRNOM
2.4
19.2
115.2
kbps
see pages1&2
Minimum Signal Pulse
SPMIN
416.67
52.08
8.68
µs
single bit
Maximum Signal Pulse
SPMAX
1666.68
208.32
34.72
µs
4 bits of same value
AGCCAP Capacitor
CAGC
-
-
2200
pF
±10% ceramic
PKDET Capacitor
CPKD
-
-
0.001
µF
±10% ceramic
BBOUT Capacitor
CBBO
0.1
0.015
0.0027
µF
±10% ceramic
BBOUT Resistor
RBBO
12
0
0
K
±5%
LPFAUX Capacitor
CLPF
0.0047
-
-
µF
±5%
LPFADJ Resistor
RLPF
300
100
15
K
±5%
RREF Resistor
RREF
100
100
100
K
±1%
THLD2 Resistor
RTH2
-
-
100
K
±1%, for 6 dB below peak
THLD1 Resistor
RTH1
00
10
K
±1%, typical values
PRATE Resistor
RPR
330
330
160
K
±5%
PWIDTH Resistor
RPW
270 to GND
270 to GND
1000 to Vcc
K
±5%
DC Bypass Capacitor
CDCB
4.7
4.7
4.7
µF
tantalum
RF Bypass Capacitor 1
CRFB1
100
100
100
pF
±5% NPO
Antenna Tuning Inductor
LAT
56
56
56
nH
50 ohm antenna
Shunt Tuning/ESD Inductor
LESD
220
220
220
nH
50 ohm antenna
3
Receiver Set-Up, 3.0 Vdc, -40 to +85 0C
CAUTION: Electrostatic Sensitive Device. Observe precautions when handling.
D a ta O u t p u t
T O P VI EW
GN D
3
CNT
RL 0
CNT
RL 1
P
WI D T H
P
RA T E
TH L D
1
NC
RRE F
GN D 2
NC
RX
DA T A
LP F
AD J
CMP
IN
BB
OU T
PK
DE T
RF
A1
VC C
1
VC C
2
RF I O
GN D 1
+ 3
VD C
A S H R e c e i v e r A ppl i c a t i on C i r c ui t
O O K C onf i gur a t i o n
1
20
23456789
10
11
12
13
14
15
16
17
18
19
+ 3
VD C
R PW
R PR
R TH 1
R RE F
R LP F
C BBO
C DC B
L AT
L ESD
C RF B 1
+
R/ S
C LP F
R BBO
D a ta O u t p u t
T O P VI EW
GN D
3
CNT
RL 0
CNT
RL 1
P
WI D T H
P
RA T E
TH L D
1
TH L D
2
RRE F
GN D 2
NC
RX
DA T A
LP F
AD J
CMP
IN
BB
OU T
PK
DE T
AG C
CA P
VC C
1
VC C
2
RF I O
GN D 1
+ 3
VD C
A S H R e c e i v e r A ppl i c a t i on C i r c ui t
A S K C onf i gur a t i o n
1
20
23456789
10
11
12
13
14
15
16
17
18
19
+ 3
VD C
R PW
R PR
R TH 1
R TH 2
R RE F
R LP F
C BBO
C PKD
C AG C
C DC B
L AT
L ESD
C RF B 1
+
R/ S



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com