Electronic Components Datasheet Search
  English  ▼

X  

RX5000 Datasheet(PDF) 7 Page - RF Monolithics, Inc

Part # RX5000
Description  433.92 MHz Hybrid Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RX5000 Datasheet(HTML) 7 Page - RF Monolithics, Inc

Back Button RX5000 Datasheet HTML 3Page - RF Monolithics, Inc RX5000 Datasheet HTML 4Page - RF Monolithics, Inc RX5000 Datasheet HTML 5Page - RF Monolithics, Inc RX5000 Datasheet HTML 6Page - RF Monolithics, Inc RX5000 Datasheet HTML 7Page - RF Monolithics, Inc RX5000 Datasheet HTML 8Page - RF Monolithics, Inc RX5000 Datasheet HTML 9Page - RF Monolithics, Inc RX5000 Datasheet HTML 10Page - RF Monolithics, Inc RX5000 Datasheet HTML 11Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Peak Detector Timing
The Peak Detector attack time constant is set by the value of the ca-
pacitor at the PKDET pin. The attack time tPKA =CPKD/4167, where
tPKA is in µs and CPKD is in pF. The Peak Detector decay time con-
stant tPKD = 1000*tPKA.
Pulse Generator Timing
In the low data rate mode, the interval tPRI between the falling edge
of an ON pulse to the first RF amplifier and the rising edge of the
next ON pulse to the first RF amplifier is set by a resistor RPR be-
tween the PRATE pin and ground. The interval can be adjusted be-
tween 0.1 and 5 µs with a resistor in the range of 51 K to 2000 K.
The value of the RPR is given by:
RPR = 404* tPRI + 10.5, where tPRI is in µs, and RPR is in kilohms
In the high data rate mode (selected at the PWIDTH pin) the re-
ceiver RF amplifiers operate at a nominal 50%-50% duty cycle. In
this case, the period tPRC from the start of an ON pulse to the first
RF amplifier to the start of the next ON pulse to the first RF amplifier
is controlled by the PRATE resistor over a range of 0.1 to 1.1 µs us-
ing a resistor of 11 K to 220 K. In this case RPR is given by:
RPR = 198* tPRC - 8.51, where tPRC is in µs and RPR is in kilohms
In the low data rate mode, the PWIDTH pin sets the width of the ON
pulse to the first RF amplifier tPW1 with a resistor RPW to ground (the
ON pulse width to the second RF amplifier tPW2 is set at 1.1 times
the pulse width to the first RF amplifier in the low data rate mode).
The ON pulse width tPW1 can be adjusted between 0.55 and 1 µs
with a resistor value in the range of 200 K to 390 K. The value of
RPW is given by:
RPW = 404* tPW1 - 18.6, where tPW1 is in µs and RPW is in kilohms
However, when the PWIDTH pin is connected to Vcc througha1M
resistor, the RF amplifiers operate at a nominal 50%-50% duty cy-
cle, facilitating high data rate operation. In this case, the RF amplifi-
ers are controlled by the PRATE resistor as described above.
LPF Group Delay
The low-pass filter group delay is a function of the filter 3 dB band-
width, which is set by a resistor RLPF to ground at the LPFADJ pin.
The minimum 3 dB bandwidth fLPF = 1445/RLPF, where fLPF is in kHz,
and RLPF is in kilohms.
The maximum group delay tFGD = 1750/fLPF = 1.21*RLPF, where tFGD
is in µs, fLPF in kHz, and RLPF in kilohms.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com