Electronic Components Datasheet Search
  English  ▼

X  

RX5000 Datasheet(PDF) 11 Page - RF Monolithics, Inc

Part # RX5000
Description  433.92 MHz Hybrid Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RX5000 Datasheet(HTML) 11 Page - RF Monolithics, Inc

Back Button RX5000 Datasheet HTML 3Page - RF Monolithics, Inc RX5000 Datasheet HTML 4Page - RF Monolithics, Inc RX5000 Datasheet HTML 5Page - RF Monolithics, Inc RX5000 Datasheet HTML 6Page - RF Monolithics, Inc RX5000 Datasheet HTML 7Page - RF Monolithics, Inc RX5000 Datasheet HTML 8Page - RF Monolithics, Inc RX5000 Datasheet HTML 9Page - RF Monolithics, Inc RX5000 Datasheet HTML 10Page - RF Monolithics, Inc RX5000 Datasheet HTML 11Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Pin
Name
Description
17
CNTRL1
CNTRL1 and CNTRL0 select the receiver modes. CNTRL1 and CNTRL0 both high place the unit in the receive
mode. CNTRL1 and CNTRL0 both low place the unit in the power-down (sleep) mode. CNTRL1 is a
high-impedance input (CMOS compatible). An input voltage of 0 to 300 mV is interpreted as a logic low. An input
voltage of Vcc - 300 mV or greater is interpreted as a logic high. An input voltage greater than Vcc + 200 mV
should not be applied to this pin. A logic high requires a maximum source current of 40 µA. Sleep mode requires a
maximum sink current of 1 µA. This pin must be held at a logic level; it cannot be left unconnected.
18
CNTRL0
CNTRL0 is used with CNTRL1 to control the receiver modes. CNTRL0 is a high-impedance input (CMOS compat-
ible). An input voltage of 0 to 300 mV is interpreted as a logic low. An input voltage of Vcc - 300 mV or greater is
interpreted as a logic high. An input voltage greater than Vcc + 200 mV should not be applied to this pin. A logic
high requires a maximum source current of 40 µA. Sleep mode requires a maximum sink current of 1 µA. This pin
must be held at a logic level; it cannot be left unconnected.
19
GND3
GND3 is an IC ground pin. It should be connected to GND1 by a short, low inductance trace.
20
RFIO
RFIO is the receiver RF input pin. This pin is connected directly to the SAW filter transducer. Antennas presenting
an impedance in the range of 35 to 72 ohms resistive can be satisfactorily matched to this pin with a series match-
ing coil and a shunt matching/ESD protection coil. Other antenna impedances can be matched using two or three
components. For some impedances, two inductors and a capacitor will be required. A DC path from RFIO to
ground is required for ESD protection.
11
file: rx5000v.vp, 2003.07.17 rev
Note: Specifications subject to change without notice.
0. 000
.0 7 7 5
.1 0 2 5
.1 1 7 5
.1 5 7 5
.1 9 7 5
.2 3 7 5
.2 7 7 5
.3 1 7 5
.3 5 7 5
.3 8 2 5
.4 6 0 0
D i m e ns i o ns i n i n c hes
S M - 2 0 L P C B P a d L a y o u t



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com