Electronic Components Datasheet Search
  English  ▼

X  

RX5000 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RX5000
Description  433.92 MHz Hybrid Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RX5000 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RX5000 Datasheet HTML 1Page - RF Monolithics, Inc RX5000 Datasheet HTML 2Page - RF Monolithics, Inc RX5000 Datasheet HTML 3Page - RF Monolithics, Inc RX5000 Datasheet HTML 4Page - RF Monolithics, Inc RX5000 Datasheet HTML 5Page - RF Monolithics, Inc RX5000 Datasheet HTML 6Page - RF Monolithics, Inc RX5000 Datasheet HTML 7Page - RF Monolithics, Inc RX5000 Datasheet HTML 8Page - RF Monolithics, Inc RX5000 Datasheet HTML 9Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
RX5000
433.92 MHz
Hybrid
Receiver
Rating
Value
Units
Power Supply and All Input/Output Pins
-0.3 to +4.0
V
Non-Operating Case Temperature
-50 to +100
oC
Soldering Temperature (10 seconds)
250
oC
Absolute Maximum Ratings
· Designed for Short-Range Wireless Control and Data Communications
· Supports RF Data Transmission Rates Up to 115.2 kbps
· 3 V, Low Current Operation plus Sleep Mode
· Stable, Easy to Use, Low External Parts Count
Electrical Characteristics (typical values given for 3.0 Vdc power supply, 25 oC)
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Operating Frequency
fO
433.72
434.12
MHz
Modulation Type
OOK/ASK
Data Rate
115.2
kbps
Receiver Performance, High Sensitivity Mode
Sensitivity, 2.4 kbps, 10-3 BER, AM Test Method
1
-109
dBm
Sensitivity, 2.4 kbps, 10-3 BER, Pulse Test Method
1
-103
dBm
Current, 2.4 kbps (RPR = 330 K)
2
3.0
mA
Sensitivity, 19.2 kbps, 10-3 BER, AM Test Method
1
-105
dBm
Sensitivity, 19.2 kbps, 10-3 BER, Pulse Test Method
1
-99
dBm
Current, 19.2 kbps (RPR = 330 K)
2
3.1
mA
Sensitivity, 115.2 kbps, 10-3 BER, AM Test Method
1
-101
dBm
Sensitivity, 115.2 kbps, 10-3 BER, Pulse Test Method
1
-95
dBm
Current, 115.2 kbps
3.8
mA
Receiver Performance, Low Current Mode
Sensitivity, 2.4 kbps, 10-3 BER, AM Test Method
1
-104
dBm
Sensitivity, 2.4 kbps, 10-3 BER, Pulse Test Method
1
-98
dBm
Current, 2.4 kbps (RPR = 1100 K)
2
1.8
mA
The RX5000 hybrid receiver is ideal for short-range wireless control and data applications where
robust operation, small size, low power consumption and low cost are required. The RX5000
employs RFM’s amplifier-sequenced hybrid (ASH) architecture to achieve this unique blend of
characteristics. All critical RF functions are contained in the hybrid, simplifying and speeding de-
sign-in. The RX5000 is sensitive and stable. A wide dynamic range log detector, in combination
with digital AGC and a compound data slicer, provide robust performance in the presence of
on-channel interference or noise. Two stages of SAW filtering provide excellent receiver out-
of-band rejection. The RX5000 generates virtually no RF emissions, facilitating compliance with
ETSI I-ETS 300 220 and similar regulations.


Similar Part No. - RX5000

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RX5000 MURATA-RX5000 Datasheet
239Kb / 10P
RFM products are now Murata products
More results

Similar Description - RX5000

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TX5000 RFM-TX5000 Datasheet
73Kb / 6P
433.92 MHz Hybrid Transmitter
RX5500 RFM-RX5500 Datasheet
89Kb / 10P
433.92 MHz Hybrid Receiver
TR3100 RFM-TR3100 Datasheet
107Kb / 12P
433.92 MHz Hybrid Transceiver
DR5100 RFM-DR5100 Datasheet
146Kb / 4P
433.92 MHz Receiver Module
TR3000 RFM-TR3000 Datasheet
86Kb / 12P
433.92 MHz Hybrid Transceiver
TR7000 RFM-TR7000 Datasheet
145Kb / 14P
433.92 MHz Hybrid Transceiver
logo
Micrel Semiconductor
MICRF211 MICREL-MICRF211 Datasheet
933Kb / 18P
3V, QwikRadio짰 433.92 MHz Receiver
logo
Murata Manufacturing Co...
TR7000 MURATA-TR7000 Datasheet
357Kb / 15P
433.92 MHz Hybrid Transceiver
TR3100 MURATA-TR3100 Datasheet
408Kb / 12P
433.92 MHz Hybrid Transceiver
DR5100 MURATA-DR5100 Datasheet
330Kb / 4P
433.92 MHz Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com