Electronic Components Datasheet Search
  English  ▼

X  

LDA08 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LDA08
Description  Low-cost Digital to Analog converter, 8 lines of 8 bit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LDA08 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button LDA08 Datasheet HTML 3Page - List of Unclassifed Manufacturers LDA08 Datasheet HTML 4Page - List of Unclassifed Manufacturers LDA08 Datasheet HTML 5Page - List of Unclassifed Manufacturers LDA08 Datasheet HTML 6Page - List of Unclassifed Manufacturers LDA08 Datasheet HTML 7Page - List of Unclassifed Manufacturers LDA08 Datasheet HTML 8Page - List of Unclassifed Manufacturers LDA08 Datasheet HTML 9Page - List of Unclassifed Manufacturers LDA08 Datasheet HTML 10Page - List of Unclassifed Manufacturers LDA08 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ITALIAN TECHNOLOGY
grifo®
INDUSTRIAL AUTOMATION
Pagina 3
K1- CONNETTORE PER BUS ABACO®
Il connettore K1 é formato da un insieme di 64 pin con cui é possibile effettuare il collegamento della
scheda con il BUS industriale ABACO®. Nella tabella seguente é riportato il Pin-out del BUS e
quindi anche del relativo connettore, con le variazioni per l’utilizzo di CPU a 16 bit rispetto a quelle
a 8 bit.
K1 - CONNETTORE PER BUS ABACO®
AA
A
PIN
C
C
C
BUS a 16 bit BUS a 8 bit
LDA 08
LDA 08
BUS a 8 bit BUS a 16 bit
GND
GND
GND
1
GND
GND
GND
+5 Vcc
+5 Vcc
+5 Vcc
2
+5 Vcc
+5 Vcc
+5 Vcc
D0
D0
D0
3
D8
D1
D1
D1
4
D9
D2
D2
D2
5
D10
D3
D3
D3
6
/INT
/INT
D4
D4
D4
7
/NMI
/NMI
D5
D5
D5
8
/HALT
D11
D6
D6
D6
9
/MREQ
/MREQ
D7
D7
D7
10
/IORQ
/IORQ
/IORQ
A0
A0
A0
11
/RD
/RD
/RDLDS
A1
A1
A1
12
/WR
/WR
/WRLDS
A2
A2
A2
13
/BUSAK
D12
A3
A3
A3
14
/WAIT
/WAIT
A4
A4
A4
15
/BUSRQ
D13
A5
A5
A5
16
/RESET
/RESET
A6
A6
A6
17
/M1
/M1
/IACK
A7
A7
A7
18
/RFSH
D14
A8
A8
19
/MEMDIS
/MEMDIS
A9
A9
20
VDUSEL
A22
A10
A10
21
/IEI
D15
A11
A11
22
RISERVATO
A12
A12
23
CLK
CLK
A13
A13
24
/RDUDS
A14
A14
25
/WRUDS
A15
A15
26
A21
A16
27
A20
A17
28
A19
A18
29
/R.T.
/R.T.
+12 Vcc
+12 Vcc
30
-12 Vcc
-12 Vcc
+5 Vcc
+5 Vcc
+5 Vcc
31
+5 Vcc
+5 Vcc
+5 Vcc
GND
GND
GND
32
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com