Electronic Components Datasheet Search
  English  ▼

X  

LDA08 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # LDA08
Description  Low-cost Digital to Analog converter, 8 lines of 8 bit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LDA08 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button LDA08 Datasheet HTML 7Page - List of Unclassifed Manufacturers LDA08 Datasheet HTML 8Page - List of Unclassifed Manufacturers LDA08 Datasheet HTML 9Page - List of Unclassifed Manufacturers LDA08 Datasheet HTML 10Page - List of Unclassifed Manufacturers LDA08 Datasheet HTML 11Page - List of Unclassifed Manufacturers LDA08 Datasheet HTML 12Page - List of Unclassifed Manufacturers LDA08 Datasheet HTML 13Page - List of Unclassifed Manufacturers LDA08 Datasheet HTML 14Page - List of Unclassifed Manufacturers LDA08 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
ITALIAN TECHNOLOGY
grifo®
INDUSTRIAL AUTOMATION
Pagina 11
Dove:
DAT
- >
Dato a 8 bit scritto o letto nei vari registri indicati in precedenza.
Vout
->
Tensione analogica generata dai vari canali del D/A converter.
VRef
->
Tensione di riferimento del canale in questione, interna di +5 V o
+10V oppure esterna, fornita tramite gli appositi pin di CN3.
La gestione dei registri denominati HLD permette di effettuare la funzione di Hold (mantenimento)
sui quattro canali del DAC 8408 contemporaneamente. Per maggiori chiarimenti su questa modalità
si consultino direttamente le informazioni fornite dalla casa costruttrice di tale componente.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com