Electronic Components Datasheet Search
  English  ▼

X  

LMH6640 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6640
Description  TFT-LCD Single, 16V Rail-to-Rail High Output Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6640 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH6640 Datasheet HTML 1Page - National Semiconductor (TI) LMH6640 Datasheet HTML 2Page - National Semiconductor (TI) LMH6640 Datasheet HTML 3Page - National Semiconductor (TI) LMH6640 Datasheet HTML 4Page - National Semiconductor (TI) LMH6640 Datasheet HTML 5Page - National Semiconductor (TI) LMH6640 Datasheet HTML 6Page - National Semiconductor (TI) LMH6640 Datasheet HTML 7Page - National Semiconductor (TI) LMH6640 Datasheet HTML 8Page - National Semiconductor (TI) LMH6640 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
5V Electrical Characteristics (Continued)
Unless otherwise specified, All limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
O =VCM =V
+/2 and R
L =2k
Ω to V+/2.
Boldface limits apply at temperature extremes. (Note 9)
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
I
SC
Output Short Circuit Current
(Note 3)
Sourcing to V
+/2
100
75
130
mA
Sinking from V
+/2
100
70
130
I
OUT
Output Current
V
O = 0.5V from either Supply
+75/−90
mA
PSRR
Power Supply Rejection Ratio
4V
≤ V+ ≤ 6V
72
80
dB
I
S
Supply Current
No Load
3.7
5.5
8.0
mA
R
IN
Common Mode Input
Resistance
A
V =+1,f=1 kHz, RS =1M
Ω
15
M
Ω
C
IN
Common Mode Input
Capacitance
A
V = +1, RS = 100 k
Ω
1.7
pF
R
OUT
Output Resistance Closed Loop
R
F =10k
Ω,f=1 kHz, A
V = −1
0.1
Ω
R
F =10k
Ω,f=1 MHz, A
V = −1
0.4
DG
Differential Gain
NTSC, A
V =+2
R
L = 150
Ω to V+/2
0.13
%
DP
Differential Phase
NTSC, A
V =+2
R
L = 150
Ω to V+/2
0.10
deg
16V Electrical Characteristics
Unless otherwise specified, All limits guaranteed for T
J = 25˚C, V
+ = 16V, V− = 0V, V
O =VCM =V
+/2 and R
L =2k
Ω to V+/2.
Boldface limits apply at temperature extremes. (Note 9)
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
BW
−3 dB Bandwidth
A
V =+1(RL = 100
Ω)
190
MHz
A
V =−1(RL = 100
Ω)60
BW
0.1 dB
0.1 dB Gain Flatness
A
V = −2.7
20
MHz
LSBW
-3 dB Bandwidth
A
V = +1, VO =2VPP (RL = 100
Ω)
35
MHz
GBW
Gain Bandwidth Product
A
V = +1, (RL = 100
Ω)
62
MHz
SR
Slew Rate (Note 8)
A
V = −1
170
V/µs
e
n
Input Referred Voltage Noise
f = 10 kHz
23
nV/
f = 1 MHz
15
i
n
Input Referred Current Noise
f = 10 kHz
1.1
pA/
f = 1 MHz
0.7
THD
Total Harmonic Distortion
f = 5 MHz, V
O =2VPP,AV =+2
R
L =1k
Ω to V+/2
–64
dBc
t
s
Settling Time
V
O =2VPP, ±0.1%, AV =−1
35
ns
V
OS
Input Offset Voltage
1
5
7
mV
I
B
Input Bias Current (Note 7)
−1
−2.6
−3.5
µA
I
OS
Input Offset Current
34
800
1800
nA
CMVR
Common Mode Input Voltage
Range
CMRR
≥ 50 dB
–0.3
−0.2
−0.1
V
15.0
14.6
15.1
CMRR
Common Mode Rejection Ratio
V
−
≤ V
CM
≤ V+ −1.5V
72
90
dB
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com