Electronic Components Datasheet Search
  English  ▼

X  

LMH6640 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6640
Description  TFT-LCD Single, 16V Rail-to-Rail High Output Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6640 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6640 Datasheet HTML 1Page - National Semiconductor (TI) LMH6640 Datasheet HTML 2Page - National Semiconductor (TI) LMH6640 Datasheet HTML 3Page - National Semiconductor (TI) LMH6640 Datasheet HTML 4Page - National Semiconductor (TI) LMH6640 Datasheet HTML 5Page - National Semiconductor (TI) LMH6640 Datasheet HTML 6Page - National Semiconductor (TI) LMH6640 Datasheet HTML 7Page - National Semiconductor (TI) LMH6640 Datasheet HTML 8Page - National Semiconductor (TI) LMH6640 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LMH6640
TFT-LCD Single, 16V Rail-to-Rail High Output
Operational Amplifier
General Description
The LMH™6640 is a voltage feedback operational amplifier
with a rail-to-rail output drive capability of 100 mA. Employ-
ing National’s patented VIP10 process, the LMH6640 deliv-
ers a bandwidth of 190 MHz at a current consumption of only
4mA. An input common mode voltage range extending to
0.3V below the V− and to within 0.9V of V
+, makes the
LMH6640 a true single supply op-amp. The output voltage
range extends to within 100 mV of either supply rail providing
the user with a dynamic range that is especially desirable in
low voltage applications.
The LMH6640 offers a slew rate of 170 V/µs resulting in a full
power bandwidth of approximately 28 MHz with 5V single
supply (2 V
PP, −1 dB). Careful attention has been paid to
ensure device stability under all operating voltages and
modes. The result is a very well behaved frequency re-
sponse characteristic for any gain setting including +1, and
excellent specifications for driving video cables including
total harmonic distortion of −64 dBc @ 5 MHz, differential
gain of 0.12% and differential phase of 0.12˚.
Features
(V
S = 16V, RL=2k
Ω to V+/2, 25˚C, Typical Values Unless
Specified)
n
Supply current (no load)
4 mA
n
Output resistance (closed loop 1 MHz)
0.35
Ω
n
−3 dB BW (A
V = 1)
190 MHz
n
Settling time (±0.1%, 2 V
PP)35 ns
n
Input common mode voltage
−0.3V to 15.1V
n
Output voltage swing
100 mV from rails
n
Linear output current
±100 mA
n
Total harmonic distortion (2 V
PP, 5 MHz)
−64 dBc
n
Fully characterized for:
5V & 16V
n
No output phase reversal with CMVR exceeded
n
Differential gain (R
L = 150
Ω)
0.12%
n
Differential phase (R
L = 150
Ω)
0.12˚
Applications
n
TFT panel V
COM buffer amplifier
n
Active filters
n
CD/DVD ROM
n
ADC buffer amplifier
n
Portable video
n
Current sense buffer
Typical Application
20086234
Typical Application as a TFT Panel V
COM Driver
LMH™ is a trademark of National Semiconductor Corporation.
November 2004
© 2004 National Semiconductor Corporation
DS200862
www.national.com


Similar Part No. - LMH6640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6640 TI1-LMH6640 Datasheet
1Mb / 22P
LMH6640 TFT-LCD Single, 16V Rail-to-Rail High Output Operational Amplifier
LMH6640MF/NOPB TI1-LMH6640MF/NOPB Datasheet
1Mb / 22P
LMH6640 TFT-LCD Single, 16V Rail-to-Rail High Output Operational Amplifier
LMH6640MFX/NOPB TI1-LMH6640MFX/NOPB Datasheet
1Mb / 22P
LMH6640 TFT-LCD Single, 16V Rail-to-Rail High Output Operational Amplifier
More results

Similar Description - LMH6640

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
Mar-1999
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011 Datasheet
582Kb / 15P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Intersil Corporation
LMP2015 INTERSIL-LMP2015 Datasheet
511Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
December 18, 2007
logo
STMicroelectronics
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
Rail-to-Rail High Output Current Single Operational Amplifier
Nov-2005
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
Rail-to-Rail Output Single CMOS Operational Amplifier
logo
National Semiconductor ...
LMV2011 NSC-LMV2011_14 Datasheet
1Mb / 24P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
New Japan Radio
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
Rail-to-Rail Input/Output Single Operational Amplifier
logo
Texas Instruments
LMH6640 TI1-LMH6640 Datasheet
1Mb / 22P
LMH6640 TFT-LCD Single, 16V Rail-to-Rail High Output Operational Amplifier
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com