Electronic Components Datasheet Search
  English  ▼

X  

LMH6640 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6640
Description  TFT-LCD Single, 16V Rail-to-Rail High Output Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6640 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMH6640 Datasheet HTML 4Page - National Semiconductor (TI) LMH6640 Datasheet HTML 5Page - National Semiconductor (TI) LMH6640 Datasheet HTML 6Page - National Semiconductor (TI) LMH6640 Datasheet HTML 7Page - National Semiconductor (TI) LMH6640 Datasheet HTML 8Page - National Semiconductor (TI) LMH6640 Datasheet HTML 9Page - National Semiconductor (TI) LMH6640 Datasheet HTML 10Page - National Semiconductor (TI) LMH6640 Datasheet HTML 11Page - National Semiconductor (TI) LMH6640 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Typical Performance Characteristics At T
J = 25˚C, V
+ =16V,V− = 0V, R
F = 330
Ω for A
V= +2, RF =
1k
Ω for A
V = −1. RL tied to V
+/2. Unless otherwise specified. (Continued)
Gain vs. Frequency Normalized
(P
IN= −30 dBm)
Gain vs. Frequency Normalized
(P
IN=−30dBm)
20086206
20086207
Gain vs. Frequency for Various V
S
(P
IN = −30 dBm)
Gain vs. Frequency for Various V
S
(P
IN = −30 dBm)
20086209
20086210
Open Loop Gain & Phase vs. Frequency for
Various Temperature (P
IN = −30 dBm)
Relative Gain vs. Frequency for Various Temperature
(P
IN = −10 dBm)
20086233
20086232
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com